Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSP48212 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HSP48212
Description  Digital Video Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP48212 Datasheet(HTML) 3 Page - Intersil Corporation

  HSP48212 Datasheet HTML 1Page - Intersil Corporation HSP48212 Datasheet HTML 2Page - Intersil Corporation HSP48212 Datasheet HTML 3Page - Intersil Corporation HSP48212 Datasheet HTML 4Page - Intersil Corporation HSP48212 Datasheet HTML 5Page - Intersil Corporation HSP48212 Datasheet HTML 6Page - Intersil Corporation HSP48212 Datasheet HTML 7Page - Intersil Corporation HSP48212 Datasheet HTML 8Page - Intersil Corporation HSP48212 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Pin Descriptions
NAME
PLCC PIN
TYPE
DESCRIPTION
CLK
9
I
Clock Input. All signal pins are synchronous with respect to this clock except LD, DEL, OE, and BY-
PASS.
DINA0-11
29-31
33-34
36-38
40-43
I
Input Data Bus. Provides data to the Mixer from one video source. Synchronous to the rising edge
of CLK.
DINB0-11
10-15, 17
19-23
I
Input Data Bus. Provides data to the Mixer from one video source. Synchronous to the rising edge
of CLK.
M0-11
62-65
67-68
2-7
I
Mix Input Bus. The range of M is from 0 to 1. The number format is unsigned, with one bit position
to the left of the binary point. If a value greater than 1 is placed on this bus, the internal circuitry will
saturate M to 1, i.e, anytime the MSB is 1, the internal value defaults to 1.00000000000; synchro-
nous to the rising edge of CLK.
TC
28
I
Specifies the number format of the input data busses DINA and DINB. 1 = unsigned, 0 = 2’s com-
plement. The signal has the same number of latency stages as the incoming data. Therefore, the
number format affects the incoming data but not the data in the internal pipeline stages. Synchro-
nous to the rising edge of CLK.
RND0-1
24-25
I
Specifies the number of significant bits on the output bus. 00 = 8-bit, 01 = 10-bit,
10 = 12-bit, 11 = 13-bit. Rounding is performed by adding a binary 1 to the bit position to the right of
the desired LSB. The remaining bits are forced to zero. These control signals have the same number
of latency stages as the incoming data. Therefore, the output round format does not take effect until
the current data has propagated to the output. Synchronous to the rising edge of CLK.
MIXEN
8
I
Mix Enable. This pin is used to disable the clock signal which samples the Mix input. When MIXEN
= 1, the M0-11 bus is sampled by the rising edge of CLK. When MIXEN = 0, the M0-11 bus is ignored
and the previously stored value of M0-11 is used. Synchronous to the rising edge of CLK.
LD
27
I
Asynchronous Load Pin. LD is used to load the delay control registers. The delay control word is
loaded serially from LSB to MSB. This signal drives the clock input to a
15-bit serial shift register. Each LD cycle, the data is transferred through the register bank on the
rising edge of LD In order to load the delay control word, the user must supply exactly 15 LD pulses.
DEL
26
I
Delay Input. This is the serial input data that is sampled by the rising edge of LD. It is the input to the
first stage of the 15-bit serial shift register which contains the delay control word. Synchronous to the
rising edge of LD.
BYPASS
61
I
Allows user to disable (bypass) the LD interface and use the default delay paths. When BYPASS =
1, the delay control word is forced to all 0’s and no extra delays are included in the paths. When BY-
PASS = 0, the delay control word must be initialized using the LD/DEL interface in order for the chip
to give predictable results. This pin is asynchronous and is not intended to change states during op-
eration.
DOUT0-12
59-56
54-53
51-50
48-44
O
Output Data Bus. The data on this bus reflects the results of the equation:
2x[AxM + Bx(1-M)]. The number format of the output is either 2’s complement or unsigned depend-
ing on the value of the TC signal during data input. The representation of DOUT is also dependent
on the value sampled on RND0-1 during data input.
(See RND0-1 and TC pin description).
OE
60
I
Output Enable. Asynchronous input which takes effect immediately following a transition. When OE =
0 the DOUT bus is driving, when OE = 1 the DOUT bus is not driven (floating).
VCC
32, 49, 66
I
5V power supply. There are 3 VCC pads.
GND
16, 39, 55
I
0V power supply. There are 3 GND pads.
HSP48212


Similar Part No. - HSP48212

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP48212 RENESAS-HSP48212 Datasheet
273Kb / 9P
   Digital Video Mixer
May 1999
HSP48212JC-40 RENESAS-HSP48212JC-40 Datasheet
273Kb / 9P
   Digital Video Mixer
May 1999
HSP48212VC-40 RENESAS-HSP48212VC-40 Datasheet
273Kb / 9P
   Digital Video Mixer
May 1999
More results

Similar Description - HSP48212

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2081 FAIRCHILD-TMC2081 Datasheet
160Kb / 32P
   Digital Video Mixer
logo
Renesas Technology Corp
HSP48212 RENESAS-HSP48212 Datasheet
273Kb / 9P
   Digital Video Mixer
May 1999
logo
Advantech Co., Ltd.
VEGA-1010 ADVANTECH-VEGA-1010 Datasheet
134Kb / 1P
   4K UHD HDMI Video Mixer
29-Mar-2023
logo
Samsung semiconductor
KS0123 SAMSUNG-KS0123 Datasheet
456Kb / 44P
   DIGITAL VIDEO ENCODER
logo
Sony Corporation
CXD1914Q SONY-CXD1914Q Datasheet
407Kb / 41P
   Digital Video Encoder
CXD1915R SONY-CXD1915R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7102 PHILIPS-SAA7102 Datasheet
289Kb / 76P
   Digital video encoder
2001 Sep 25
SAA7126H PHILIPS-SAA7126H Datasheet
155Kb / 40P
   Digital video encoder
1999 May 31
SAA7128AH_7129AH PHILIPS-SAA7128AH_7129AH_15 Datasheet
273Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7120H PHILIPS-SAA7120H Datasheet
156Kb / 36P
   Digital video encoder
2002 Oct 11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com