Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9676602VXC Datasheet(PDF) 11 Page - Intersil Corporation

Part # 5962R9676602VXC
Description  Radiation Hardened 256 x 8 CMOS RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R9676602VXC Datasheet(HTML) 11 Page - Intersil Corporation

Back Button 5962R9676602VXC Datasheet HTML 6Page - Intersil Corporation 5962R9676602VXC Datasheet HTML 7Page - Intersil Corporation 5962R9676602VXC Datasheet HTML 8Page - Intersil Corporation 5962R9676602VXC Datasheet HTML 9Page - Intersil Corporation 5962R9676602VXC Datasheet HTML 10Page - Intersil Corporation 5962R9676602VXC Datasheet HTML 11Page - Intersil Corporation 5962R9676602VXC Datasheet HTML 12Page - Intersil Corporation 5962R9676602VXC Datasheet HTML 13Page - Intersil Corporation 5962R9676602VXC Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
HS-81C55RH, HS-81C56RH
Input/Output Section
The I/O section of the HS-81C55RH and HS-81C56RH
consists of five registers: (See Figure 5)
• Command/Status Register (C/S) - Both register are
assigned the address XXXXX000. The C/S address
serves the dual prupose.
When the C/S registers are selected during WRITE
operation, a command is written into the command
register. The contents of this register are not accessible
through the pins.
When the C/S (XXXXX000) is selected during a READ
operation, the status information of the I/O ports and the
timer becomes available on the AD0 - AD7 lines.
• PA Register - This register can be programmed to be
either input or output ports depending on the status of the
contents of the C/S Register. also depending on the
command, this port can operate in either the basic mode
or the strobed mode (See timing diagram). the I/O pins
assigned in relation to this register are PA0 - PA7. The
address of this register is XXXXX001.
• PB Register - This register functions the same as PA
Register. the I/O pins assigned are PB0 - PB7. The
address of this register is XXXXX010
• PC Register - This register has the address XXXXX011
and contains only 6 bits. The 6 bits can be programmed to
be either input ports, output ports or as control signals for
PA and PB by properly programming the AD2 and AD3
bits of the C/S register.
When PC0 - PC5 is used as a control port, 3 bits are
assigned for Port A and 3 for Port B. The first bit is an
Interrupt that the HS-81C55RH and HS-81C56RH sends
out. The second is an output signal indicating whether the
buffer is full or empty, and the third is an input pin to
accept a strobe for the strobed input mode. (See Table 1).
When the ‘C’ port is programmed to either ALT3 or ALT4, the
control signals for PA and Pb are initialized as follows:
:
FIGURE 5. I/O PORT AND TIMER ADDRESSING SCHEME
Figure 6 shows how I/O Ports A and B are structured within
the HS-81C55RH and HS-81C56RH.
Note in the diagram that when the I/O ports are programmed
to be output ports, the contents of the output ports can still
be
read
by
a
READ
operation
when
appropriately
addressed.
CONTROL
INPUT MODE
OUTPUT MODE
BF
Low
Low
INTR
Low
High
STB
Input Control
Input Control
I/O ADDRESS†
SELECTION
A7
A6
A5
A4
A3
A2
A1
A0
XXXXX
0
0
0
Interval Command/
Status Register
XXXXX
0
0
1
General Purpose I/O
Port A
XXXXX
0
1
0
General Purpose I/O
Port B
XXXXX
0
1
1
General Purpose I/O or
Control Port C
XXXXX
1
0
0
Low-Order 8 Bits of
Timer Count
XXXXX
1
0
1
High 6 Bits of Timer
Count and 2 Bits of Timer
Mode
† I/O Address must be qualified by CE = 1(81C56RH) or CE =
0(81C55RH) and IO/M = 1 in order to select the appropriate register.
X = Don’t Care
FIGURE 6. HS-81C55RH AND HS-81C56RH PORT FUNCTION
OUTPUT
LATCH
DQ
CLK
CLR
D
Q
LATCH
CLK
STB
(1)
(2)
(3)
READ
PORT
MODE (4)
WRITE
PORT
PA/PB
PIN
MUX
HS-81C55RH AND HS-81C56RH
ONE BIT OF PORT A OR PORT B
(1) OUTPUT MODE
(2) SIMPLE INPUT
(3) STROBED INPUT
(4) = 1 FOR OUTPUT MODE
= 0 FOR INPUT MODE
MULTIPLEXER
CONTROL
NOTES:
1. READ Port = (IO/M = 1)(RD = 0)(CE Active)
(Port Address Selected)
2. WRITE Port = (IO/M = 1)(wr = 0)(CE Active)
(Port Address Selected)
Spec Number
518056


Similar Part No. - 5962R9676602VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R9676602VXC INTERSIL-5962R9676602VXC Datasheet
113Kb / 11P
   Radiation Hardened 256 x 8 CMOS RAM
More results

Similar Description - 5962R9676602VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-81C55RH INTERSIL-HS-81C55RH_00 Datasheet
113Kb / 11P
   Radiation Hardened 256 x 8 CMOS RAM
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com