Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-82C55ARH Datasheet(PDF) 17 Page - Intersil Corporation

Part # HS-82C55ARH
Description  Radiation Hardened CMOS Programmable Peripheral Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-82C55ARH Datasheet(HTML) 17 Page - Intersil Corporation

Back Button HS-82C55ARH Datasheet HTML 13Page - Intersil Corporation HS-82C55ARH Datasheet HTML 14Page - Intersil Corporation HS-82C55ARH Datasheet HTML 15Page - Intersil Corporation HS-82C55ARH Datasheet HTML 16Page - Intersil Corporation HS-82C55ARH Datasheet HTML 17Page - Intersil Corporation HS-82C55ARH Datasheet HTML 18Page - Intersil Corporation HS-82C55ARH Datasheet HTML 19Page - Intersil Corporation HS-82C55ARH Datasheet HTML 20Page - Intersil Corporation HS-82C55ARH Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
986
HS-82C55ARH
CONTROL WORD #12
CONTROL WORD #13
CONTROL WORD #14
CONTROL WORD #15
Mode 0 Configurations (Continued)
D7 D6 D5 D4 D3 D2 D1 D0
1001100
0
A
C
B
8
4
4
8
PA7 - PA0
PC7 - PC4
PC3 - PC0
PB7 - PB0
D7 - D0
D7 D6 D5 D4 D3 D2 D1 D0
1001100
1
A
C
B
8
4
4
8
PA7 - PA0
PC7 - PC4
PC3 - PC0
PB7 - PB0
D7 - D0
D7 D6 D5 D4 D3 D2 D1 D0
1001101
0
A
C
B
8
4
4
8
PA7 - PA0
PC7 - PC4
PC3 - PC0
PB7 - PB0
D7 - D0
D7 D6 D5 D4 D3 D2 D1 D0
1001101
1
A
C
B
8
4
4
8
PA7 - PA0
PC7 - PC4
PC3 - PC0
PB7 - PB0
D7 - D0
Operating Modes
Mode 1 (Strobed Input/Output)
This functional configuration provides a means for transfer-
ring I/O data to or from a specified port in conjunction with
strobes or “handshaking” signals. In Mode 1, Port A and Port
B use the lines on Port C to generate or accept these “hand-
shaking” signals.
Mode 1 Basic Functional Definitions:
• Two Groups (Group A and Group B)
• Each group contains one 8-bit port and one 4-bit control/
data port.
• The 8-bit data port can be either input or output. Both
inputs and outputs are latched.
• The 4-bit port is used for control and status of the 8-bit
port.
Input Control Signal Definition
STB (Strobe Input)
A “low” on this input loads data into the input latch.
IBF (Input Buffer Full F/F)
A “high” on this output indicates that the data has been
loaded into the input latch; in essence, an acknowledgment.
IBF is set by STB input being low and is reset by the rising
edge of the RD input.
INTR (Interrupt Request)
A “high” on this output can be used to interrupt the CPU
when an input device is requesting service. INTR is set by
the rising edge of STB and reset by the falling edge of RD.
This procedure allows an input device to request service
from the CPU by simply strobing its data into the port.
INTE A
Controlled by Bit Set/Reset of PC4.
INTE B
Controlled by Bit Set/Reset of PC2.
FIGURE 15. MODE 1 INPUT
INTE
A
PC6, 7
1 = INPUT
0 = OUTPUT
D7 D6 D5 D4 D3 D2 D1 D0
1
CONTROL WORD
MODE 1 (PORT B)
11
PA7 - PA0
PC4
PC5
PC3
PC6, 7
RD
8
STB
IBF
INTR
I/O
2
INTE
B
PB7 - PB0
PC2
PC1
PC0
RD
8
STB
IBF
INTR
B
B
B
A
A
A
D7 D6 D5 D4 D3 D2 D1 D0
1011 1/0
CONTROL WORD
MODE 1 (PORT A)
Spec Number
518060


Similar Part No. - HS-82C55ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C55ARH INTERSIL-HS-82C55ARH Datasheet
234Kb / 17P
   Radiation Hardened CMOS Programmable Peripheral Interface
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
   Radiation Hardened CMOS Programmable Peripheral Interface
More results

Similar Description - HS-82C55ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
   Radiation Hardened CMOS Programmable Peripheral Interface
logo
Dynex Semiconductor
MA28155 DYNEX-MA28155 Datasheet
214Kb / 20P
   Radiation Hard Programmable Peripheral Interface
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
MS82C55A INTERSIL-MS82C55A_06 Datasheet
500Kb / 26P
   CMOS Programmable Peripheral Interface
MS82C55A INTERSIL-MS82C55A Datasheet
502Kb / 24P
   CMOS Programmable Peripheral Interface
logo
List of Unclassifed Man...
SMC82C55AC-5 ETC1-SMC82C55AC-5 Datasheet
293Kb / 6P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Wing Shing Computer Com...
WS82C55A WINGS-WS82C55A Datasheet
457Kb / 25P
   CMOS Programmable peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A_06 Datasheet
554Kb / 29P
   CMOS Programmable Peripheral Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com