Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-82C55ARH Datasheet(PDF) 6 Page - Intersil Corporation

Part # HS-82C55ARH
Description  Radiation Hardened CMOS Programmable Peripheral Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-82C55ARH Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HS-82C55ARH Datasheet HTML 2Page - Intersil Corporation HS-82C55ARH Datasheet HTML 3Page - Intersil Corporation HS-82C55ARH Datasheet HTML 4Page - Intersil Corporation HS-82C55ARH Datasheet HTML 5Page - Intersil Corporation HS-82C55ARH Datasheet HTML 6Page - Intersil Corporation HS-82C55ARH Datasheet HTML 7Page - Intersil Corporation HS-82C55ARH Datasheet HTML 8Page - Intersil Corporation HS-82C55ARH Datasheet HTML 9Page - Intersil Corporation HS-82C55ARH Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
975
Specifications HS-82C55ARH
TABLE 5. BURN-IN DELTA PARAMETERS (+25oC)
PARAMETER
SYMBOL
DELTA LIMITS
Static Current
IDDSB
±10µA
Input Leakage Current
IIL, IIH
±200nA
Output Leakage Current
IOZL, IOZH
±2µA
Low Level Output Voltage
VOL
±80mV
TTL Output High Voltage
VOH1
±600mV
CMOS Output High Voltage
VOH2
±150mV
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE
GROUP
MIL-STD-883
METHOD
GROUP A SUBGROUPS
TESTED FOR -Q
RECORDED
FOR -Q
TESTED FOR -8
RECORDED
FOR -8
Initial Test
100% 5004
1, 7, 9
1 (Note 2)
1, 7, 9
Interim Test
100% 5004
1, 7, 9,
1,
∆ (Note 2)
1, 7, 9
PDA
100% 5004
1, 7,
-
1, 7
Final Test
100% 5004
2, 3, 8A, 8B, 10, 11
-
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
-
1, 2, 3, 7, 8A, 8B, 9,
10, 11
Subgroup B5
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11,
1, 2, 3,
∆ (Note 2)
N/A
Subgroup B6
Sample 5005
1, 7, 9
-
N/A
Group C
Sample 5005
N/A
N/A
1, 2, 3, 7, 8A, 8B, 9,
10, 11
Group D
Sample 5005
1, 7, 9
-
1, 7, 9
Group E, Subgroup 2
Sample 5005
1, 7, 9
-
1, 7, 9
NOTES:
1. Alternate Group A testing in accordance with MIL-STD-883 method 5005 may be exercised.
2. Table 5 parameters only
Spec Number
518060


Similar Part No. - HS-82C55ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C55ARH INTERSIL-HS-82C55ARH Datasheet
234Kb / 17P
   Radiation Hardened CMOS Programmable Peripheral Interface
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
   Radiation Hardened CMOS Programmable Peripheral Interface
More results

Similar Description - HS-82C55ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
   Radiation Hardened CMOS Programmable Peripheral Interface
logo
Dynex Semiconductor
MA28155 DYNEX-MA28155 Datasheet
214Kb / 20P
   Radiation Hard Programmable Peripheral Interface
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
MS82C55A INTERSIL-MS82C55A_06 Datasheet
500Kb / 26P
   CMOS Programmable Peripheral Interface
MS82C55A INTERSIL-MS82C55A Datasheet
502Kb / 24P
   CMOS Programmable Peripheral Interface
logo
List of Unclassifed Man...
SMC82C55AC-5 ETC1-SMC82C55AC-5 Datasheet
293Kb / 6P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Wing Shing Computer Com...
WS82C55A WINGS-WS82C55A Datasheet
457Kb / 25P
   CMOS Programmable peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A_06 Datasheet
554Kb / 29P
   CMOS Programmable Peripheral Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com