Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-82C55ARH Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HS-82C55ARH
Description  Radiation Hardened CMOS Programmable Peripheral Interface
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-82C55ARH Datasheet(HTML) 5 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
974
Specifications HS-82C55ARH
WR = 1 to OBF = 0
TWHOL
VDD = 4.5, 5.5V
9, 10, 11
-55oC, +25oC, +125oC
-
150
ns
ACK = 0 to OBF = 1
TKLOH
VDD = 4.5, 5.5V
9, 10, 11
-55oC, +25oC, +125oC
-
150
ns
STB = 0 to IBF = 1
TSLIH
VDD = 4.5, 5.5V
9, 10, 11
-55oC, +25oC, +125oC
-
150
ns
RD = 1 to IBF = 0
TRHIL
VDD = 4.5, 5.5V
9, 10, 11
-55oC, +25oC, +125oC
-
150
ns
RD = 0 to INTR = 1
TRLNL
VDD = 4.5, 5.5V
9, 10, 11
-55oC, +25oC, +125oC
-
200
ns
STB = 1 t INTR = 1
TSHNH
VDD = 4.5, 5.5V
9, 10, 11
-55oC, +25oC, +125oC
-
150
ns
ACK = 1 to INTR = 1
TKHNH
VDD = 4.5, 5.5V
9, 10, 11
-55oC, +25oC, +125oC
-
150
ns
WR = 0 to INTR = 0
TWLNL
VDD = 4.5, 5.5V
9, 10, 11
-55oC, +25oC, +125oC
-
200
ns
RESET Pulse Width
TRSHRSL
VDD = 4.5, 5.5V
(Note 2)
9, 10, 11
-55oC, +25oC, +125oC
500
-
ns
NOTES:
1. AC’s tested at worst case VDD, guaranteed over full operating range.
2. Period of initial RESET pulse after power-on must be at least 50
µs. Subsequenct RESET pulses may be 500ns minimum.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Capacitance
CIN
VDD = Open, f = 1MHz, All
measurements referenced to
device ground
TA = +25
oC
-
10
pF
I/O Capacitance
CI/O
VDD = Open, f = 1MHz, All
measurements referenced to
device ground
TA = +25
oC
-
20
pF
Data Float After RD
TRHDX
VDD = 4.5V and 5.5V
-55oC < TA < +125
oC
-
75
ns
ACK = 1 to Output Float
TKHPZ
VDD = 4.5V and 5.5V
-55oC < TA < +125
oC
-
250
ns
NOTE: The parameters listed in Table 3 are controlled via design or process parameters and are not directly tested. These parameters are
characterized upon initial design release and upon design changes which would affect these characteristics
TALBE 4. POST 100K RAD ELECTRICAL PERFORMANCE CHARACTERISTICS
See +25oC limits in Table 1 and Table 2 for Post RAD limits (Subgroups 1, 7, 9)
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS TA = -55
oC to +125oC (Continued)
PARAMETER
SYMBOL
CONDITIONS
SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Spec Number
518060


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn