Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-82C37ARH Datasheet(PDF) 28 Page - Intersil Corporation

Part # HS-82C37ARH
Description  Radiation Hardened CMOS High Performance Programmable DMA Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-82C37ARH Datasheet(HTML) 28 Page - Intersil Corporation

Back Button HS-82C37ARH Datasheet HTML 21Page - Intersil Corporation HS-82C37ARH Datasheet HTML 22Page - Intersil Corporation HS-82C37ARH Datasheet HTML 23Page - Intersil Corporation HS-82C37ARH Datasheet HTML 24Page - Intersil Corporation HS-82C37ARH Datasheet HTML 25Page - Intersil Corporation HS-82C37ARH Datasheet HTML 26Page - Intersil Corporation HS-82C37ARH Datasheet HTML 27Page - Intersil Corporation HS-82C37ARH Datasheet HTML 28Page - Intersil Corporation HS-82C37ARH Datasheet HTML 29Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
945
HS-82C37ARH
Spec Number
518058
NOTES:
1. Index area: A notch or a pin one identification mark shall be locat-
ed adjacent to pin one and shall be located within the shaded
area shown. The manufacturer’s identification shall not be used
as a pin one identification mark. Alternately, a tab (dimension k)
may be used to identify pin one.
2. If a pin one identification mark is used in addition to a tab, the lim-
its of dimension k do not apply.
3. This dimension allows for off-center lid, meniscus, and glass
overrun.
4. Dimensions b1 and c1 apply to lead base metal only. Dimension
M applies to lead plating and finish thickness. The maximum lim-
its of lead dimensions b and c or M shall be measured at the cen-
troid of the finished lead surfaces, when solder dip or tin plate
lead finish is applied.
5. N is the maximum number of terminal positions.
6. Measure dimension S1 at all four corners.
7. For bottom-brazed lead packages, no organic or polymeric mate-
rials shall be molded to the bottom of the package to cover the
leads.
8. Dimension Q shall be measured at the point of exit (beyond the
meniscus) of the lead from the body. Dimension Q minimum
shall be reduced by 0.0015 inch (0.038mm) maximum when sol-
der dip lead finish is applied.
9. Dimensioning and tolerancing per ANSI Y14.5M - 1982.
10. Controlling dimension: INCH.
11. The basic lead spacing is 0.050 inch (1.27mm) between center
lines. Each lead centerline shall be located within
±0.005 inch
(0.13mm) of its exact longitudinal position relative to lead 1 and
the highest numbered (N) lead.
E
E1
D
S1
b
Q
E2
A
C
1
A
A
M
c1
b1
(c)
(b)
SECTION A-A
BASE
LEAD FINISH
METAL
M
e
N
L
K42.A TOP BRAZED
42 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.100
-
2.54
-
b
0.017
0.025
0.43
0.64
-
b1
0.017
0.023
0.43
0.58
-
c
0.007
0.013
0.18
0.33
-
c1
0.007
0.010
0.18
0.25
-
D
1.045
1.075
26.54
27.31
3
E
0.630
0.650
16.00
16.51
-
E1
-
0.680
-
17.27
3
E2
0.530
0.550
13.46
13.97
-
e
0.050 BSC
1.27 BSC
11
k
----
-
L
0.320
0.350
8.13
8.89
-
Q
0.045
0.065
1.14
1.65
8
S1
0.000
-
0.00
-
6
M
-
0.0015
-
0.04
-
N42
42
-
Rev. 0 6/17/94
Packaging


Similar Part No. - HS-82C37ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
More results

Similar Description - HS-82C37ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
   CMOS High Performance Programmable DMA Controller
March 1997
82C37A INTERSIL-82C37A Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
   HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
   Radiation Hardened CMOS Programmable Interval Timer
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
   Radiation Hardened CMOS Programmable Peripheral Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com