Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HS-82C37ARH Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HS-82C37ARH
Description  Radiation Hardened CMOS High Performance Programmable DMA Controller
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 
 5 page
background image
922
Specifications HS-82C37ARH
Absolute Maximum Ratings
Reliability Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.5V
Input or Output Voltage Applied . . . . . . . .VSS - 0.3V to VDD + 0.3V
for All Grades
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Typical Derating Factor. . . . . . . . . . . . 4mA/MHz Increase in IDDOP
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance
θ
JA
θ
JC
SBDIP Package. . . . . . . . . . . . . . . . . . . .
38oC/W
5oC/W
Ceramic Flatpack Package . . . . . . . . . . .
72oC/W
10oC/W
Maximum Package Power Dissipation at +125oC Ambient
SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.32W
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . . . . 0.69W
If device power exceeds package dissipation capability, provide heat
sinking or derate linearly at the following rate:
SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26.3mW/C
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . .13.9mW/C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Supply Voltage Range (VDD) . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range (TA) . . . . . . . . . . . . -55
oC to +125oC
Input Low Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0V to +0.8V
Input High Voltage. . . . . . . . . . . . . . . . . . . . . . . . VDD -1.5V to VDD
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUP
TEMPERATURE
LIMITS
UNITS
MIN
MAX
TTL Output High Voltage
VOH1
VDD = 4.5V, IO = -2.5mA,
VIN = 0V or 4.0V
1, 2, 3
+25oC, +125oC,
-55oC
3.0
-
V
CMOS Output High Volt-
age
VOH2
VDD = 4.5V, IO = -100
µA,
VIN = 0V or 4.0V
1, 2, 3
+25oC, +125oC,
-55oC
VDD-
0.4
-V
Output Low Voltage
VOL1
VDD = 4.5V, IO = +2.5mA,
VIN = 0V or 4.0V
1, 2, 3
+25oC, +125oC,
-55oC
-
0.4
V
Input Leakage Current
IIL or IIH
VDD = 5.5V, VIN = 0V or
5.5V Pins: 6, 7, 11-13, 16-19
1, 2, 3
+25oC, +125oC,
-55oC
-1.0
1.0
µA
Output Leakage Current
IOZL or
IOZH
VDD = 5.5V, VIN = 0V or
5.5V Pins: 1-4, 21-23, 26-
30, 32-40
1, 2, 3
+25oC, +125oC,
-55oC
-10
10
µA
Standby Power Supply
Current
IDDSB
VDD = 5.5V, IO = 0mA,
VIN = GND or VDD
1, 2, 3
+25oC, +125oC,
-55oC
-
+50
µA
Operating Power Supply
Current
IDDOP
VDD = 5.5V, IO = 0mA,
VIN = GND or VDD,
f = 5MHz
1, 2, 3
+25oC, +125oC,
-55oC
-20
mA
Functional Tests
FT
VDD = 4.5V and 5.5V,
VIN = GND or VDD,
f = 1MHz
7, 8A, 8B
+25oC, +125oC,
-55oC
--
-
Noise Immunity Functional
Test
FN
VDD = 4.5V and 5.5V, VIN =
GND or VDD - 1.5V and
VDD = 4.5V, VIN = 0.8V or
VDD
7, 8A, 8B
+25oC, +125oC,
-55oC
--
-
Spec Number
518058




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-82C37Radiation Hardened CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreHarris Corporation
82C237CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreIntersil Corporation
82C37ACMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreIntersil Corporation
82C37CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreHarris Corporation
FAN5071High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms 1 2 3 4 5 MoreFairchild Semiconductor
HS-201HSRHRadiation Hardened High Speed Quad SPST CMOS Analog Switch 1 2 Intersil Corporation
RC5058High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms 1 2 3 4 5 MoreFairchild Semiconductor
RC5057High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors 1 2 3 4 5 MoreFairchild Semiconductor
ISPMACH4ACPLDFAMILYHigh Performance E 2 CMOS In-System Programmable Logic 1 2 3 4 5 MoreLattice Semiconductor
M82380HIGH PERFORMANCE 32-BIT DMA CONTROLLER WITH INTEGRATED SYSTEM SUPPORT PERIPHERALS 1 2 3 4 5 MoreIntel Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl