Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FY3ABJ-03 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # FY3ABJ-03
Description  HIGH-SPEED SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FY3ABJ-03 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  FY3ABJ-03 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FY3ABJ-03 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FY3ABJ-03 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FY3ABJ-03 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Sep.1998
MITSUBISHI Pch POWER MOSFET
FY3ABJ-03
HIGH-SPEED SWITCHING USE
0
–2
–4
–6
–8
–10
0
8
16
24
32
40
VDS =
–10V
–20V
–25V
Tch = 25°C
Pulse Test
ID = –3A
0
–4
–8
–12
–16
–20
0
–0.4
–0.8
–1.2
–1.6
–2.0
VGS = 0V
Pulse Test
Tc = 25°C
75°C
125°C
10–1
100
2
3
4
5
7
101
2
3
4
5
7
–50
0
50
100
150
VGS = –10V
ID = –3A
Pulse Test
0
–0.4
–0.8
–1.2
–1.6
–2.0
–50
0
50
100
150
VDS = –10V
ID = –1mA
0.4
0.6
0.8
1.0
1.2
1.4
–50
0
50
100
150
VGS = 0V
ID = –1mA
102
10–2
7
5
3
2
101
7
5
3
2
100
7
5
3
2
10–1
7
5
3
2
PDM
tw
D
=
T
tw
T
Single Pulse
0.5
0.2
0.1
0.05
0.02
0.01
D = 1.0
10–4 23 5710–3 23 5710–2 23 5710–1 23 57100 23 57101 23 57102 23 57103
GATE-SOURCE VOLTAGE
VS. GATE CHARGE
(TYPICAL)
GATE CHARGE Qg (nC)
SOURCE-DRAIN DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
SOURCE-DRAIN VOLTAGE VSD (V)
CHANNEL TEMPERATURE Tch (°C)
THRESHOLD VOLTAGE VS.
CHANNEL TEMPERATURE
(TYPICAL)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS
CHANNEL TEMPERATURE Tch (°C)
BREAKDOWN VOLTAGE VS.
CHANNEL TEMPERATURE
(TYPICAL)
PULSE WIDTH tw (s)
ON-STATE RESISTANCE VS.
CHANNEL TEMPERATURE
(TYPICAL)
CHANNEL TEMPERATURE Tch (°C)


Similar Part No. - FY3ABJ-03

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FY3ABJ-03 POWEREX-FY3ABJ-03 Datasheet
43Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FY3ABJ-03 RENESAS-FY3ABJ-03 Datasheet
74Kb / 5P
   MITSUBISHI Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FY3ABJ-03 RENESAS-FY3ABJ-03_15 Datasheet
94Kb / 7P
   HIGH-SPEED SWITCHING USE
More results

Similar Description - FY3ABJ-03

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS18KM-10A MITSUBISHI-FS18KM-10A Datasheet
76Kb / 4P
   HIGH-SPEED SWITCHING USE
FS14KM-12A MITSUBISHI-FS14KM-12A Datasheet
79Kb / 4P
   HIGH-SPEED SWITCHING USE
FX50KMJ-06 MITSUBISHI-FX50KMJ-06 Datasheet
51Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7KM-12 MITSUBISHI-FS7KM-12 Datasheet
45Kb / 4P
   HIGH-SPEED SWITCHING USE
FS50AS-03 MITSUBISHI-FS50AS-03 Datasheet
37Kb / 4P
   HIGH-SPEED SWITCHING USE
FS70UMH-03 MITSUBISHI-FS70UMH-03 Datasheet
40Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7UM-16A MITSUBISHI-FS7UM-16A Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FK16VS-6 MITSUBISHI-FK16VS-6 Datasheet
51Kb / 5P
   HIGH-SPEED SWITCHING USE
FS5VS-10 MITSUBISHI-FS5VS-10 Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FS16UM-9 MITSUBISHI-FS16UM-9 Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
FS1KM-16A MITSUBISHI-FS1KM-16A Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com