Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9582401VXC Datasheet(PDF) 11 Page - Intersil Corporation

Part # 5962R9582401VXC
Description  Radiation Hardened 8-Bit CMOS Microprocessor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R9582401VXC Datasheet(HTML) 11 Page - Intersil Corporation

Back Button 5962R9582401VXC Datasheet HTML 7Page - Intersil Corporation 5962R9582401VXC Datasheet HTML 8Page - Intersil Corporation 5962R9582401VXC Datasheet HTML 9Page - Intersil Corporation 5962R9582401VXC Datasheet HTML 10Page - Intersil Corporation 5962R9582401VXC Datasheet HTML 11Page - Intersil Corporation 5962R9582401VXC Datasheet HTML 12Page - Intersil Corporation 5962R9582401VXC Datasheet HTML 13Page - Intersil Corporation 5962R9582401VXC Datasheet HTML 14Page - Intersil Corporation 5962R9582401VXC Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
HS-80C85RH
JPE
11101010
Jump on parity
even
JPO
11100010
Jump on parity odd
PCHL
11101001
H & L to program
counter
CALL
CALL
11001101
Call unconditional
CC
11011100
Call on carry
CNC
11010100
Call on no carry
LOGICAL
ANA r
10100
S
S
S
And register with A
XRA r
10101
S
S
S
Exclusive OR
register with A
ORA r
10110
S
S
S
OR register with A
CMP r
10111
S
S
S
Compare register
with A
ANA M
10100110
And memory with A
XRA M
10101110
Exclusive OR mem-
ory with A
ORA M
10110110
OR memory with A
CMP M
10111110
Compare memory
with A
ANI
11100110
And immediate
with A
XRI
11101110
Exclusive OR
immediate with A
ORl
11110110
OR immediate
with A
CPl
11111110
Compare immedi-
ate with A
ROTATE
RLC
00000111
Rotate A left
RRC
00001111
Rotate A right
RAL
00010111
Rotate A left
through carry
RAR
00011111
Rotate A right
through carry
INX H
00100011
Increment H & L
registers
DCX B
00001011
Decrement B & C
DCX D
00011011
Decrement D & E
DCX H
00101011
Decrement H & L
ADD
ADD r
10000
S
S
S
Add register to A
ADC r
10001
S
S
S
Add register to A
with carry
ADD M
1
0
C
00110
Add memory to A
MNEMONIC
INSTRUCTION CODE
OPERATIONS
DESCRIPTION
D7 D6 D5 D4 D3 D2 D1 D0
ADC M
10001110
Add memory to A
with carry
ADl
11000110
Add immediate to A
ACl
11001110
Add immediate to A
with carry
DAD B
00001001
Add B & C to H & L
DAD D
00011001
Add D & E to H & L
DAD H
00101001
Add H & L to H & L
DAD SP
00111001
Add stack pointer to
H&L
SUBTRACT
SUB r
10010
S
S
S
Subtract register
from A
SBB r
10011
S
S
S
Subtract register
from A with borrow
SUB M
10010110
Subtract memory
from A
SBB M
10011110
Subtract memory
from A with borrow
SUl
11010110
Subtract immedi-
ate from A
SBl
11011110
Subtract immedi-
ate from A with
borrow
SPECIALS
CMA
00101111
Complement A
STC
00110111
Set carry
CMC
00111111
Complement carry
DAA
00100111
Decimal adjust A
CONTROL
El
11111011
Enable Interrupts
DI
11110011
Disable Interrupt
NOP
00000000
No-operation
HLT
01110110
Halt
RIM
00100000
Read Interrupt
Mask
SlM
00110000
Set Interrupt Mask
NOTES:
1. DDS or SSS: B000, C001, D010, E011, H100, L101, Memory 110, A111
2. Two possible cycle times (6/12) indicate instruction cycles dependent on condi-
tion flags.
All mnemonics copyrighted „ Intel Corporation 1976
MNEMONIC
INSTRUCTION CODE
OPERATIONS
DESCRIPTION
D7 D6 D5 D4 D3 D2 D1 D0
TABLE 9. INSTRUCTION SET SUMMARY (Continued)
Spec Number
518054


Similar Part No. - 5962R9582401VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R9582401VXC INTERSIL-5962R9582401VXC Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
More results

Similar Description - 5962R9582401VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
   Radiation Hardened 16-Bit CMOS Microprocessor
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-3374RH INTERSIL-HS-3374RH Datasheet
38Kb / 6P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-83C55RH INTERSIL-HS-83C55RH Datasheet
708Kb / 12P
   Radiation Hardened 16K Bit CMOS ROM
HS-82C08RH INTERSIL-HS-82C08RH Datasheet
44Kb / 6P
   Radiation Hardened 8-Bit Bus Transceiver
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
   Radiation Hardened 8-Bit Magnitude Comparator
January 1996
HS-82C08RH INTERSIL-HS-82C08RH_00 Datasheet
57Kb / 4P
   Radiation Hardened 8-Bit Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com