Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9582401VXC Datasheet(PDF) 7 Page - Intersil Corporation

Part # 5962R9582401VXC
Description  Radiation Hardened 8-Bit CMOS Microprocessor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R9582401VXC Datasheet(HTML) 7 Page - Intersil Corporation

Back Button 5962R9582401VXC Datasheet HTML 3Page - Intersil Corporation 5962R9582401VXC Datasheet HTML 4Page - Intersil Corporation 5962R9582401VXC Datasheet HTML 5Page - Intersil Corporation 5962R9582401VXC Datasheet HTML 6Page - Intersil Corporation 5962R9582401VXC Datasheet HTML 7Page - Intersil Corporation 5962R9582401VXC Datasheet HTML 8Page - Intersil Corporation 5962R9582401VXC Datasheet HTML 9Page - Intersil Corporation 5962R9582401VXC Datasheet HTML 10Page - Intersil Corporation 5962R9582401VXC Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Specifications HS-80C85RH
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Capacitance
CIN
VDD = Open, f = 1MHz
TA = +25
oC
-
12
pF
I/O Capacitance
CI/O
VDD = Open, f = 1MHz
TA = +25
oC
-
13
pF
Output Capacitance
COUT
VDD = Open, f = 1MHz
TA = +25
oC
-
12
pF
NOTE:
1. All measurements referenced to device ground.
TABLE 4. POST 100K RAD ELECTRICAL PERFORMANCE CHARACTERISTICS
NOTE:
The post irradiation test conditions and limits are the same as those listed in Tables 1 and 2.
TABLE 5. BURN-IN DELTA PARAMETERS (+25oC; In Accordance With SMD)
TABLE 6. INTERRUPT PRIORITY, RESTART ADDRESS, AND SENSITIVITY
NAME
PRIORITY
ADDRESS BRANCHED TO (1)
WHEN INTERRUPT OCCURS
TYPE TRIGGER
TRAP
1
24H
Rising edge and high level until sampled.
RST 7.5
2
3CH
Rising edge (latched)
RST 6.5
3
34CH
High level until sampled.
RST 5.5
4
2CH
High level until sampled.
INTR
5
See Note 2
High level until sampled.
NOTES:
1. The processor pushes the PC on the stack before branching to the indicated address.
2. The address branched to depends on the instruction provided to the cpu when the interrupt is acknowledged.
TABLE 7. BUS TIMING SPECIFICATION AS A tCYC DEPENDENT
SYMBOL
HS-8OC85RH
SYMBOL
HS-8OC85RH
tAL
(1/2)T- 175
Minimum
tCC
(3/2 + N)T - 175
Minimum
tLA
(1/2)T- 175
Minimum
tCL
(1/2)T - 190
Minimum
tLL
(1/2)T-50
Minimum
tARY
(3/2)T - 500
Maximum
tLCK
(1/2)T- 125
Minimum
tHACK
(1/2)T - 160
Minimum
tLC
(1/2)T- 100
Minimum
tHABF
(1/2)T +125
Maximum
tAD
(5/2 + N)T - 375
Maximum
tHABE
(1/2)T +125
Maximum
tRD
(3/2 + N)T - 375
Maximum
tAC
(2/2)T - 200
Minimum
tRAE
(1/2)T- 130
Minimum
t1
(1/2)T-210
Minimum
tCA
(1/2)T - 100
Minimum
t2
(1/2)T- 150
Minimum
tDW
(3/2 + N)T - 175
Minimum
tRV
(3/2)T - 200
Minimum
tWD
(1/2)T-100
Minimum
tLDR
(4/2)T - 325
Maximum
NOTE: N is equal to the total WAIT states T = tCYC
Spec Number
518054


Similar Part No. - 5962R9582401VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R9582401VXC INTERSIL-5962R9582401VXC Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
More results

Similar Description - 5962R9582401VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
   Radiation Hardened 16-Bit CMOS Microprocessor
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-3374RH INTERSIL-HS-3374RH Datasheet
38Kb / 6P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-83C55RH INTERSIL-HS-83C55RH Datasheet
708Kb / 12P
   Radiation Hardened 16K Bit CMOS ROM
HS-82C08RH INTERSIL-HS-82C08RH Datasheet
44Kb / 6P
   Radiation Hardened 8-Bit Bus Transceiver
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
   Radiation Hardened 8-Bit Magnitude Comparator
January 1996
HS-82C08RH INTERSIL-HS-82C08RH_00 Datasheet
57Kb / 4P
   Radiation Hardened 8-Bit Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com