Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9582401QXC Datasheet(PDF) 1 Page - Intersil Corporation

Part # 5962R9582401QXC
Description  Radiation Hardened 8-Bit CMOS Microprocessor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R9582401QXC Datasheet(HTML) 1 Page - Intersil Corporation

  5962R9582401QXC Datasheet HTML 1Page - Intersil Corporation 5962R9582401QXC Datasheet HTML 2Page - Intersil Corporation 5962R9582401QXC Datasheet HTML 3Page - Intersil Corporation 5962R9582401QXC Datasheet HTML 4Page - Intersil Corporation 5962R9582401QXC Datasheet HTML 5Page - Intersil Corporation 5962R9582401QXC Datasheet HTML 6Page - Intersil Corporation 5962R9582401QXC Datasheet HTML 7Page - Intersil Corporation 5962R9582401QXC Datasheet HTML 8Page - Intersil Corporation 5962R9582401QXC Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
HS-80C85RH
Radiation Hardened
8-Bit CMOS Microprocessor
Description
The HS-80C85RH is an 8-bit CMOS microprocessor fabri-
cated using the Intersil radiation hardened self-aligned junc-
tion isolated (SAJI) silicon gate technology. Latch-up free
operation is achieved by the use of epitaxial starting material
to eliminate the parasitic SCR effect seen in conventional
bulk CMOS devices.
The HS-80C85RH is a functional logic emulation of the
HMOS 8085 and its instruction set is 100% software com-
patible with the HMOS device. The HS80C85RH is designed
for operation with a single 5 volt power supply. Its high level
of integration allows the construction of a radiation hardened
microcomputer system with as few as three ICs (HS-
80C85RH CPU, HS83C55RH ROM I/O, and the HS-81C55/
56RH RAM I/O.
Features
• Devices QML Qualified in Accordance With
MIL-PRF-38535
• Detailed Electrical and Screening Requirements are
Contained in SMD# 5962-95824 and Intersil’ QM Plan
• Radiation Hardened EPI-CMOS
- Parametrics Guaranteed 1 x 105 RAD(Si)
- Transient Upset > 1 x 108 RAD(Si)/s
- Latch-up Free > 1 x 1012 RAD(Si)/s
• Low Standby Current 500
µA Max
• Low Operating Current 5.0mA/MHz (X1 Input)
• Electrically Equivalent to Sandia SA 3000
• 100% Software Compatible with INTEL 8085
• Operation from DC to 2MHz, Post Radiation
• Single 5 Volt Power Supply
• On-Chip Clock Generator and System Controller
• Four Vectored Interrupt Inputs
• Completely Static Design
• Self Aligned Junction Isolated (SAJI) Process
• Military Temperature Range -55oC to +125oC
February 1996
Spec Number
518054
File Number
3036.2
Pinouts
40 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835, CDIP2-T40
TOP VIEW
42 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
INTERSIL OUTLINE K42.A
TOP VIEW
33
34
35
36
37
38
39
40
32
31
30
29
24
25
26
27
28
21
22
23
HLDA
HOLD
READY
RD
IO / M
ALE
WR
VDD
S1
S0
A15
A14
A13
A12
A11
A10
A9
A8
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
INTR
INTA
SOD
SID
TRAP
RST 7.5
RST 6.5
RST 5.5
GND
X1
X2
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
RESET OUT
RESET IN
CLOCK OUT
HLDA
HOLD
READY
RD
IO / M
ALE
WR
VDD
S1
S0
A15
A14
A13
A12
A11
A10
A9
A8
RESET
CLOCK
GND
OUT
IN
INTR
INTA
SOD
SID
TRAP
RST 7.5
RST 6.5
RST 5.5
X1
X2
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
RESET
OUT
NC
NC
33
32
39
38
37
36
35
34
42
41
31
30
29
28
27
24
23
22
40
26
25
10
11
4
5
6
7
8
9
1
2
12
13
14
15
16
19
20
21
3
17
18


Similar Part No. - 5962R9582401QXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R9582401QXC INTERSIL-5962R9582401QXC Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
More results

Similar Description - 5962R9582401QXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
   Radiation Hardened 16-Bit CMOS Microprocessor
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-3374RH INTERSIL-HS-3374RH Datasheet
38Kb / 6P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-83C55RH INTERSIL-HS-83C55RH Datasheet
708Kb / 12P
   Radiation Hardened 16K Bit CMOS ROM
HS-82C08RH INTERSIL-HS-82C08RH Datasheet
44Kb / 6P
   Radiation Hardened 8-Bit Bus Transceiver
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
   Radiation Hardened 8-Bit Magnitude Comparator
January 1996
HS-82C08RH INTERSIL-HS-82C08RH_00 Datasheet
57Kb / 4P
   Radiation Hardened 8-Bit Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com