Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS1-307RH883S Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS1-307RH883S
Description  Radiation Hardened CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-307RH883S Datasheet(HTML) 1 Page - Intersil Corporation

  HS1-307RH883S Datasheet HTML 1Page - Intersil Corporation HS1-307RH883S Datasheet HTML 2Page - Intersil Corporation HS1-307RH883S Datasheet HTML 3Page - Intersil Corporation HS1-307RH883S Datasheet HTML 4Page - Intersil Corporation HS1-307RH883S Datasheet HTML 5Page - Intersil Corporation HS1-307RH883S Datasheet HTML 6Page - Intersil Corporation HS1-307RH883S Datasheet HTML 7Page - Intersil Corporation HS1-307RH883S Datasheet HTML 8Page - Intersil Corporation HS1-307RH883S Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
1
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HS1-302RH/883S
-55oC to +125oC
Intersil /883 Class S Equivalent
14 Lead SBDIP
HS9-302RH/883S
-55oC to +125oC
Intersil /883 Class S Equivalent
14 Lead Ceramic Flatpack
HS1-302RH/Sample
+25oC
Sample
14 Lead SBDIP
HS9-302RH/Sample
+25oC
Sample
14 Lead Ceramic Flatpack
HS1-303RH/883S
-55oC to +125oC
Intersil /883 Class S Equivalent
14 Lead SBDIP
HS9-303RH/883S
-55oC to +125oC
Intersil /883 Class S Equivalent
14 Lead Ceramic Flatpack
HS1-303RH/Sample
+25oC
Sample
14 Lead SBDIP
HS9-303RH/Sample
+25oC
Sample
14 Lead Ceramic Flatpack
HS1-306RH/883S ( Note 1)
-55oC to +125oC
Intersil /883 Class S Equivalent
14 Lead SBDIP
HS9-306RH/883S ( Note 1)
-55oC to +125oC
Intersil /883 Class S Equivalent
14 Lead Ceramic Flatpack
Description
The
HS-3XXRH/883S
family
of
analog
switches
are
monolithic devices fabricated using Radiation Hardened
CMOS technology and the Intersil dielectric isolation pro-
cess for latch-up free operation. Improved total dose hard-
ness is obtained by layout (thin oxide tabs extending to a
channel stop) and processing (hardened gate oxide). These
switches offer low-resistance switching performance for ana-
log voltages up to the supply rails. “ON” resistance is low
and stays reasonably constant over the full range of operat-
ing voltage and current. “ON” resistance also stays reason-
ably constant when exposed to radiation, being typically 30
pre-rad and 35
Ω post 100K RAD-Si. All devices provide
break-before-make switching.
The 6 devices in this switch series are differentiated by type
of switch action, pinout and digital logic levels. The HS-302/
303/384/390RH/883S switches have 5V digital inputs while
the HS-306/307RH/883S switches have 15V digital inputs.
All devices are available in Ceramic Flatpack and SBDIP
packages. The HS-3XXRH/883S switches can directly
replace the HI-3XX series devices.
Functional Diagram
N
P
IN
D
Features
• This Circuit is Processed in Accordance to Mil-Std-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Radiation Hardened
- Functional Total Dose Exceeds 1 x 105 RAD Si
• Pin for Pin Compatible with Intersil HI-3XX Series
Analog Switches
• Analog Signal Range 15V
• Low Leakage
•Low RON
• No Latch Up
• Versions for 5V and 15V Digital Systems
• Low Operating Power
• Military Temperature Range -55oC to +125oC
Applications
• Sample and Hold i.e. Low Leakage Switching
• Op Amp Gain Switching i.e. Low ON Resistance
• Switched Capacitor Filters
• Low Level Switching Circuits
• Satellites
• Nuclear Reactor Controls
• Military Environments
September 1995
HS-302RH/883S, HS-303RH/883S,
HS-306RH/883S, HS-307RH/883S,
HS-384RH/883S, HS-390RH/883S
Radiation Hardened
CMOS Analog Switches
Spec Number
518526
File Number
3067.1


Similar Part No. - HS1-307RH883S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-302EH-Q INTERSIL-HS1-302EH-Q Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
logo
Renesas Technology Corp
HS1-302EH-Q RENESAS-HS1-302EH-Q Datasheet
297Kb / 5P
   Radiation Hardened CMOS Dual DPST Analog Switch
July 31, 2013
logo
Intersil Corporation
HS1-302RH-8 INTERSIL-HS1-302RH-8 Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
logo
Renesas Technology Corp
HS1-302RH-8 RENESAS-HS1-302RH-8 Datasheet
297Kb / 5P
   Radiation Hardened CMOS Dual DPST Analog Switch
July 31, 2013
logo
Intersil Corporation
HS1-302RH-Q INTERSIL-HS1-302RH-Q Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
More results

Similar Description - HS1-307RH883S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
HS-303RH-T INTERSIL-HS-303RH-T Datasheet
25Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-302RH-T INTERSIL-HS-302RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual DPST Analog Switch
HS-303ARH INTERSIL-HS-303ARH_12 Datasheet
201Kb / 5P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-390RH-T INTERSIL-HS-390RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH INTERSIL-HS-303RH Datasheet
491Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-302EH INTERSIL-HS-302EH Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
logo
Renesas Technology Corp
HS-302RH RENESAS-HS-302RH Datasheet
297Kb / 5P
   Radiation Hardened CMOS Dual DPST Analog Switch
July 31, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com