Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8688001XA Datasheet(PDF) 10 Page - Intersil Corporation

Part # 5962-8688001XA
Description  CMOS ARINC Bus Interface Circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962-8688001XA Datasheet(HTML) 10 Page - Intersil Corporation

Back Button 5962-8688001XA Datasheet HTML 6Page - Intersil Corporation 5962-8688001XA Datasheet HTML 7Page - Intersil Corporation 5962-8688001XA Datasheet HTML 8Page - Intersil Corporation 5962-8688001XA Datasheet HTML 9Page - Intersil Corporation 5962-8688001XA Datasheet HTML 10Page - Intersil Corporation 5962-8688001XA Datasheet HTML 11Page - Intersil Corporation 5962-8688001XA Datasheet HTML 12Page - Intersil Corporation 5962-8688001XA Datasheet HTML 13Page - Intersil Corporation 5962-8688001XA Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
5-192
AC Electrical Performance Specifications VDD = 5V ±5%, TA = 0oC to +70oC (HS-3282-5),
TA = -55
oC to +125oC (HS-3282-8)
PARAMETER
SYMBOL
CONDITIONS
LIMITS
UNITS
MIN
MAX
Clock Frequency
FC
VDD = 4.75V, 5.25V
-
1
MHz
Data Rate 1/
FD
VDD = 4.75V, 5.25V
-
100
kHz
Data Rate 2/
FD
VDD = 4.75V, 5.25V
-
12.5
kHz
Master Reset Pulse Width
TMR
VDD = 4.75V, 5.25V
200
-
ns
RECEIVER TIMING
Receiver Ready Time From 32nd Bit 1/
TD/R2
VDD = 4.75V, 5.25V
-
16
µs
Receiver Ready Time From 32nd Bit 2/
TD/R2
VDD = 4.75V, 5.25V
-
128
µs
Device Ready to Enable Time
TD/REN
VDD = 4.75V, 5.25V
0
-
ns
Data Enable Pulse Width
TEN
VDD = 4.75V, 5.25V
200
-
ns
Data Enable to Data Enable Time
TENEN
VDD = 4.75V, 5.25V
50
-
ns
Data Enable to Device Ready Reset Time
TEND/R
VDD = 4.75V, 5.25V
-
200
ns
Output Data Valid to Enable Time
TENDATA
VDD = 4.75V, 5.25V
-
200
ns
Data Enable to Data Select Time
TENSEL
VDD = 4.75V, 5.25V
20
-
ns
Data Select to Data Enable Time
TSELEN
VDD = 4.75V, 5.25V
20
-
ns
Output Data Disable Time
TDATAEN
VDD = 4.75V, 5.25V
-
80
ns
CONTROL WORD TIMING
Control Word Strobe Pulse Width
TCWSTR
VDD = 4.75V, 5.25V
130
-
ns
Control Word Setup Time
TCWSET
VDD = 4.75V, 5.25V
130
-
ns
Control Word Hold Time
TCWHLD
VDD = 4.75V, 5.25V
0
-
ns
TRANSMITTER FIFO Write Timing
Parallel Load Pulse Width
TPL
VDD = 4.75V, 5.25V
200
-
ns
Parallel Load to Parallel Load 2 Delay
TPL12
VDD = 4.75V, 5.25V
0
-
ns
Transmitter Ready Delay Time
TTX/R
VDD = 4.75V, 5.25V
-
840
ns
Data Word Setup Time
TDWSET
VDD = 4.75V, 5.25V
110
-
ns
Data Word Hold Time
TDWHLD
VDD = 4.75V, 5.25V
0
-
ns
TRANSMITTER Output Timing
Enable Transmit to Output Data Valid Time 1/
TENDAT
VDD = 4.75V, 5.25V
-
25
µs
Enable Transmit to Output Data Valid Time 2/
TENDAT
VDD = 4.75V, 5.25V
-
200
µs
Output Data Bit Time 1/
TBlT
VDD = 4.75V, 5.25V
4.95
5.05
µs
Output Data Bit Time 2/
TBlT
VDD = 4.75V, 5.25V
39.6
40.4
µs
Output Data Null Time 1/
TNULL
VDD = 4.75V, 5.25V
4.95
5.05
µs
Output Data Null Time 2/
TNULL
VDD = 4.75V, 5.25V
39.6
40.4
µs
HS-3282


Similar Part No. - 5962-8688001XA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-8688001XA INTERSIL-5962-8688001XA Datasheet
305Kb / 17P
   CMOS ARINC Bus Interface Circuit
5962-8688001XA INTERSIL-5962-8688001XA Datasheet
309Kb / 17P
   CMOS ARINC Bus Interface Circuit
March 1997
More results

Similar Description - 5962-8688001XA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-3282-8 INTERSIL-HS1-3282-8 Datasheet
309Kb / 17P
   CMOS ARINC Bus Interface Circuit
March 1997
HS-3282 INTERSIL-HS-3282_02 Datasheet
305Kb / 17P
   CMOS ARINC Bus Interface Circuit
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
199Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
HS-3182 INTERSIL-HS-3182 Datasheet
201Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
   ARINC 429 Bus Interface Line Driver
logo
Mitel Networks Corporat...
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Holt Integrated Circuit...
HI-8685 HOLTIC-HI-8685_08 Datasheet
95Kb / 12P
   ARINC INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com