Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9410DY Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI9410DY
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI9410DY Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI9410DY Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI9410DY Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI9410DY Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI9410DY Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
N-Channel MOSFET
SI9410DY (KI9410DY)
Electrical Characteristics Ta = 25℃
Note.1:Pulse test; pulse width ≤ 300us, duty cycle ≤ 2%.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
30
V
VDS=24V, VGS=0V
2
VDS=24V, VGS=0V, TJ=55℃
25
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
1
3
V
VGS=10V, ID=7A
(Note.1)
30
VGS=5V, ID=4A
(Note.1)
40
VGS=4.5V, ID=3.5A
(Note.1)
50
On-State Drain Current
IDS(on)
VDS≥5 V, VGS = 10 V
30
A
Forward Transconductance
gFS
VDS=15V, ID=7A
(Note.1)
15
S
Total Gate Charge
Qg
24
50
Gate Source Charge
Qgs
2.8
Gate Drain Charge
Qgd
4.6
Turn-On DelayTime
td(on)
14
30
Turn-On Rise Time
tr
10
60
Turn-Off DelayTime
td(off)
46
150
Turn-Off Fall Time
tf
17
140
Body Diode Reverse Recovery Time
trr
IF= 2A, dI/dt= 100A/μs
60
Maximum Body-Diode Continuous Current
IS
2.8
A
Diode Forward Voltage
VSD
IS=2A,VGS=0V
(Note.1)
1.1
V
nC
ns
Zero Gate Voltage Drain Current
IDSS
μ
A
VGS=10V, VDS=25V, RL=25Ω,RGEN=6Ω
ID=1A
RDS(On)
Static Drain-Source On-Resistance
VGS=10V, VDS=15V, ID=7A
Marking
9410
KC****
Marking


Similar Part No. - SI9410DY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SI9410DY PHILIPS-SI9410DY Datasheet
266Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
logo
Fairchild Semiconductor
SI9410DY FAIRCHILD-SI9410DY Datasheet
234Kb / 3P
   Single N-Channel Enhancement Mode MOSFET
logo
Vishay Siliconix
SI9410DY VISHAY-SI9410DY Datasheet
64Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. M, 26-May-03
logo
Guangdong Kexin Industr...
SI9410DY-HF KEXIN-SI9410DY-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SI9410DY-T1-E3 VBSEMI-SI9410DY-T1-E3 Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
More results

Similar Description - SI9410DY

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com