Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-26CT31RH-T Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HS-26CT31RH-T
Description  Radiation Hardened Quad Differential Line Driver
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-26CT31RH-T Datasheet(HTML) 3 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
2450
µm x 4950µm x 533µm ±25.4µm
(97 x 195 x 21mils
±1mil)
METALLIZATION:
M1: Mo/Tiw
Thickness: 5800
Å
M2: Al/Si/Cu
Thickness: 10k
Å
±1kÅ
SUBSTRATE POTENTIAL:
Internally connected to VDD.
May be left floating.
BACKSIDE FINISH:
Silicon
PASSIVATION:
Type: SiO2
Thickness: 8k
Å
±1kÅ
WORST CASE CURRENT DENSITY:
< 2.0e5 A/cm2
TRANSISTOR COUNT:
285
PROCESS:
Radiation Hardened CMOS, AVLSI
Metallization Mask Layout
HS-26CT31RH
(14) DO
(13) DO
(12) ENABLE
(11) CO
(10) CO
AO (2)
AO (3)
ENABLE (4)
BO (5)
BO (6)
HS-26CT31RH-T


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-26C31RH-TRadiation Hardened Quad Differential Line Driver 1 2 3 Intersil Corporation
HS-26C32RH-TRadiation Hardened Quad Differential Line Driver 1 2 3 Intersil Corporation
PE926C31Quad RS-422 Differential Line Driver Radiation Hardened 1 2 3 4 5 MorePeregrine Semiconductor Corp.
PE926C32Quad RS-422 Differential Line Driver Radiation Hardened 1 2 3 4 5 MorePeregrine Semiconductor Corp.
HS-26CT32RH-TRadiation Hardened Quad Differential Line Receiver 1 2 3 Intersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn