Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-26CT31RH-T Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HS-26CT31RH-T
Description  Radiation Hardened Quad Differential Line Driver
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-26CT31RH-T Datasheet(HTML) 1 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
Satellite Applications Flow™ (SAF) is a trademark of Intersil Corporation.
HS-26CT31RH-T
Radiation Hardened
Quad Differential Line Driver
Intersil’s Satellite Applications Flow™ (SAF) devices are fully
tested and guaranteed to 100kRAD total dose. These QML
Class T devices are processed to a standard flow intended
to meet the cost and shorter lead-time needs of large
volume satellite manufacturers, while maintaining a high
level of reliability.
The Intersil HS-26CT31RH-T is a Quad Differential Line Driver
designed for digital data transmission over balanced lines and
meets the requirements of EIA Standard RS-422. Radiation
Hardened CMOS processing assures low power consumption,
high speed, and reliable operation in the most severe radiation
environments.
The HS-26CT31RH-T accepts TTL inputs and converts them to
RS-422 compatible outputs. This circuit uses special outputs
that enable the drivers to power down without loading down the
bus. Enable and disable pins allow several devices to be
connected to the same data source and addressed
independently.
Specifications
Specifications for Rad Hard QML devices are controlled by
the Defense Supply Center in Columbus (DSCC). The SMD
numbers listed below must be used when ordering.
Detailed Electrical Specifications for the HS-26CT31RH-T
are contained in SMD 5962-95632. A “hot-link” is provided
from our website for downloading.
www.intersil.com/spacedefense/newsafclasst.asp
Intersil’s Quality Management Plan (QM Plan), listing all
Class T screening operations, is also available on our
website.
www.intersil.com/quality/manuals.asp
Features
• QML Class T, Per MIL-PRF-38535
• Radiation Performance
- Gamma Dose . . . . . . . . . . . . . . . . . . . . 1 x 105 RAD(Si)
- SEU and SEL . . . . . . . . . . Immune to 100MeV/mg/cm2
• EIA RS-422 Compatible Outputs (Except for IOS)
• TTL Compatible Inputs
• High Impedance Outputs when Disabled or Powered
Down
• Low Power Dissipation 2.75mW Standby (Max)
• Single 5V Supply
• Low Output Impedance 10
Ω or Less
• Full -55oC to 125oC Military Temperature Range
Pinouts
HS1-26CT31RH-T (SBDIP), CDIP2-T16
TOP VIEW
HS9-26CT31RH-T (FLATPACK), CDFP4-F16
TOP VIEW
Ordering Information
ORDERING
NUMBER
PART
NUMBER
TEMP.
RANGE
(oC)
5962R9563201TEC
HS1-26CT31RH-T
-55 to 125
HS1-26C31RH/Proto
HS1-26C31RH/Proto
-55 to 125
5962R9563201TXC
HS9-26C31RH-T
-55 to 125
HS9-26C31RH/Proto
HS9-26C31RH/Proto
-55 to 125
NOTE:
Minimum order quantity for -T is 150 units through
distribution, or 450 units direct.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
AIN
AO
AO
ENABLE
BO
BO
GND
BIN
VDD
DO
DO
ENABLE
CO
CO
CIN
DIN
AIN
AO
AO
ENABLE
BO
BO
BIN
GND
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
VDD
DIN
DO
DO
ENABLE
CO
CO
CIN
Data Sheet
July 1999
File Number
4590.1


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-26C31RH-TRadiation Hardened Quad Differential Line Driver 1 2 3 Intersil Corporation
HS-26C32RH-TRadiation Hardened Quad Differential Line Driver 1 2 3 Intersil Corporation
PE926C31Quad RS-422 Differential Line Driver Radiation Hardened 1 2 3 4 5 MorePeregrine Semiconductor Corp.
PE926C32Quad RS-422 Differential Line Driver Radiation Hardened 1 2 3 4 5 MorePeregrine Semiconductor Corp.
HS-26CT32RH-TRadiation Hardened Quad Differential Line Receiver 1 2 3 Intersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn