Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962F9751201VXC Datasheet(PDF) 1 Page - Intersil Corporation

Part # 5962F9751201VXC
Description  Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F9751201VXC Datasheet(HTML) 1 Page - Intersil Corporation

  5962F9751201VXC Datasheet HTML 1Page - Intersil Corporation 5962F9751201VXC Datasheet HTML 2Page - Intersil Corporation 5962F9751201VXC Datasheet HTML 3Page - Intersil Corporation 5962F9751201VXC Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
File Number
4349.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
HS-22620RH
Rad Hard Dual, Wideband, High Input
Impedance Uncompensated Operational
Amplifier
The HS-22620RH is a radiation hardened, dual bipolar
operational amplifier that features very high input impedance
coupled with wideband AC performance. The high
resistance of the input stage is complemented by low offset
voltage (6mV Max at 25oC) and low bias current (50nA Max
at 25oC) to facilitate accurate signal processing. Offset
voltage can be reduced further by means of an external
nulling potentiometer. The stable closed loop gains greater
than 10, the 20V/
µs minimum slew rate at 25oC and the
80kV/V minimum open loop gain at 25oC, enable the
HS-22620RH to perform high gain amplification of very fast,
wideband signals. These dynamic characteristics, coupled
with fast settling times, make these amplifiers ideally suited
to pulse amplification designs as well as high frequency or
video applications. The frequency response of the amplifier
can be tailored to exact design requirements by means of an
external bandwidth control capacitor.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-97512. A “hot-link” is provided
on our homepage for downloading.
www.intersil.com/spacedefense/space.asp
Features
• Electrically Screened to SMD # 5962-97512
• QML Qualified per MIL-PRF-38535 Requirements
• High Input Impedance . . . . . . . . . . . . . . . . . . 65M
Ω (Min)
• High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 80kV/V (Min)
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . 20V/
µs (Min)
• Low Input Bias Current . . . . . . . . . . . . . . . . . . 50nA (Max)
• Low Input Offset Voltage . . . . . . . . . . . . . . . . . 6mV (Max)
• Wide Gain Bandwidth Product (AV ≥ 10) . . . . .100MHz (Typ)
• Output Short Circuit Protection
• Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
Applications
• Video and RF Amplifiers
• Pulse Amplifiers
• High-Q Active Filters
• High Speed Comparators
Pinout
HS-22620RH
(FLATPACK)
TOP VIEW
NOTE: Refer to SMD, Figure 1
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962F9751201V9A
HS0-22620RH-Q
25
5962F9751201VXC
HS9-22620RH-Q
-55 to 125
HS9-22620RH/PROTO
HS9-22620RH/PROTO
-55 to 125
VCC B (10)
VEE B (11)
OUT B (12)
COMP B (13)
WEB (14)
COMP A (15)
OUT A (16)
VEE A (17)
VCC A (18)
(1) BAL 2A
(2) BAL 1A
(3) +IN A
(4) -IN A
(5) OPEN
(6) -IN B
(7) +IN B
(8) BAL 1B
(9) BAL 2B
-
+
-
+
Data Sheet
August 1999


Similar Part No. - 5962F9751201VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9764101VEA INTERSIL-5962F9764101VEA Datasheet
31Kb / 3P
   Radiation Hardened Ultra High Frequency NPN Transistor Array
5962F9764101VEC INTERSIL-5962F9764101VEC Datasheet
31Kb / 3P
   Radiation Hardened Ultra High Frequency NPN Transistor Array
5962F9764101VXC INTERSIL-5962F9764101VXC Datasheet
31Kb / 3P
   Radiation Hardened Ultra High Frequency NPN Transistor Array
More results

Similar Description - 5962F9751201VXC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-2620 RENESAS-HA-2620 Datasheet
273Kb / 12P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifier
Mar.21.19
logo
Intersil Corporation
HA-2620 INTERSIL-HA-2620 Datasheet
120Kb / 10P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
November 1999
HA-2620 INTERSIL-HA-2620_06 Datasheet
317Kb / 10P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
HS-2620RH INTERSIL-HS-2620RH Datasheet
78Kb / 5P
   Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
   36V Rad Hard Dual Precision Operational Amplifier
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
   36V Rad Hard Dual Precision Operational Amplifier
HA-2602883 INTERSIL-HA-2602883 Datasheet
152Kb / 5P
   Wideband, High Impedance Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
logo
STMicroelectronics
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
   Rad-hard precision quad operational amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com