Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS1-2420RH-Q Datasheet(PDF) 3 Page - Intersil Corporation

Part # HS1-2420RH-Q
Description  Radiation Hardened Fast Sample and Hold
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-2420RH-Q Datasheet(HTML) 3 Page - Intersil Corporation

  HS1-2420RH-Q Datasheet HTML 1Page - Intersil Corporation HS1-2420RH-Q Datasheet HTML 2Page - Intersil Corporation HS1-2420RH-Q Datasheet HTML 3Page - Intersil Corporation HS1-2420RH-Q Datasheet HTML 4Page - Intersil Corporation HS1-2420RH-Q Datasheet HTML 5Page - Intersil Corporation HS1-2420RH-Q Datasheet HTML 6Page - Intersil Corporation HS1-2420RH-Q Datasheet HTML 7Page - Intersil Corporation HS1-2420RH-Q Datasheet HTML 8Page - Intersil Corporation HS1-2420RH-Q Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Specifications HS-2420RH
Digital Input Current
IIN1
VIN1 = 0V
1
+25oC
-
800
µA
2, 3
-55oC, +125oC
-
800
µA
IIN2
VIN2 = 5.0V
1
+25oC-
20
µA
2, 3
-55oC, +125oC-
20
µA
Digital Input Voltage
VIL
1
+25oC
-
0.8
V
2, 3
-55oC, +125oC
-
0.8
V
VIH
1
+25oC
2.0
-
V
2, 3
-55oC, +125oC
2.0
-
V
Drift Current
ID
VIN = 0V, RL = 2k
Ω, CL = 50pF,
S/H = 4.0V
2
+125oC
-10
10
nA
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at V+ = +15V, V- = -15V, VIL = 0.8V (Sample), VIH = 2.0V (Hold), CH = 1000pF, -Input Tied to Output, Unless Otherwise Specified
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUP
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Hold Step Error
VERROR
VS/H = 0V and 4V,
tRISE (VS/H)
30ns (Note 1)
9
+25oC
-20
20
mV
Transient Response
Rise Time and Fall Time
TR(TR)
CL = 50pF, RL = 2k
Ω, AV = +1,
VOUT = 200mVP-P
9
+25oC
-
100
ns
TR(TF)
9
+25oC
-
100
ns
Transient Response
Overshoot
TR(+OS)
CL = 50pF, RL = 2k
Ω, AV = +1,
VOUT = 200mVP-P
9
+25oC
-
40
%
TR(-OS)
9
+25oC
-
40
%
Transient Response
Slew Rate
TR(+SR)
CL = 50pF, RL = 2k
Ω, AV = +1,
VOUT = 10VP-P
9
+25oC
3.5
-
V/
µs
TR(-SR)
9
+25oC
3.5
-
V/
µs
NOTE:
1. VERROR = VOUT (VS/H = 0V) - VOUT (VS/H = 4V)
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at V+ = +15V, V- = -15V, VIL = 0.8V (Sample), VIH = 2.0V (Hold), CH = 1000pF, -Input Tied to Output, Unless Otherwise Specified
PARAMETER
SYMBOL
CONDITIONS
NOTE
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Hold Mode Feedthrough
Attenuation
VATTEN
RL = 2k
Ω, CL = 50pF, AV = +1,
VIN = 20VP-P, fIN = 50kHz
1
+25oC, -55oC,
+125oC
70
-
dB
Gain Bandwidth Product
GBWP
RL = 2k
Ω, CL = 50pF, AV = +1,
VIN = 100mVP-P
1
+25oC
2.5
-
MHz
Acquisition Time (0.1%)
+tACQ (0.1%)
RL = 2k
Ω, CL = 50pF, AV = +1,
VOUT = 0V and +10V
1
+25oC-
4
µs
-tACQ (0.1%)
RL = 2k
Ω, CL = 50pF, AV = +1,
VOUT = 0V and -10V
1
+25oC-
4
µs
Acquisition Time (0.01%)
+tACQ (0.01%)
RL = 2k
Ω, CL = 50pF, AV = +1,
VOUT = 0V and +10V
1
+25oC-
6
µs
-tACQ (0.01%)
RL = 2k
Ω, CL = 50pF, AV = +1,
VOUT = 0V and -10V
1
+25oC-
6
µs
NOTE: 1. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These
parameters are characterized upon initial design release and upon design changes which would affect these characteristics.
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
Device Tested at V+ = +15V, V- = -15V, VIL = 0.8V (Sample); VIH = 2.0V (Hold); CH = 1000pF, -Input Tied to Output, Unless Otherwise Specified
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Spec Number
518855


Similar Part No. - HS1-2420RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-2400RH-Q INTERSIL-HS1-2400RH-Q Datasheet
101Kb / 5P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
HS1-2400RH-Q INTERSIL-HS1-2400RH-Q Datasheet
45Kb / 3P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
HS1-245RH-8 INTERSIL-HS1-245RH-8 Datasheet
110Kb / 8P
   Radiation Hardened Triple Line(party-Line) Transmitter
HS1-245RH-8 INTERSIL-HS1-245RH-8 Datasheet
227Kb / 8P
   Radiation Hardened Triple Line Transmitter
logo
Renesas Technology Corp
HS1-245RH-8 RENESAS-HS1-245RH-8 Datasheet
341Kb / 8P
   Radiation Hardened Triple Line Transmitter and Receivers
April 2003
More results

Similar Description - HS1-2420RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2420RH INTERSIL-HS-2420RH_03 Datasheet
255Kb / 8P
   Radiation Hardened Fast Sample and Hold
logo
Maxim Integrated Produc...
DS1843 MAXIM-DS1843 Datasheet
479Kb / 8P
   Fast Sample-and-Hold Circuit
Rev 0; 5/09
DS1843 MAXIM-DS1843_12 Datasheet
483Kb / 8P
   Fast Sample-and-Hold Circuit
Rev 1; 2/12
logo
Intersil Corporation
HI-5046A INTERSIL-HI-5046A Datasheet
892Kb / 12P
   Sample and Hold
HA5352 INTERSIL-HA5352 Datasheet
133Kb / 5P
   Fast Acquisition Dual Sample and Hold Amplifier
logo
Curtis Electromusic.
CEM5510 CES-CEM5510 Datasheet
70Kb / 2P
   FAST OCTAL SAMPLE & HOLD
logo
Intersil Corporation
HA5352883 INTERSIL-HA5352883 Datasheet
27Kb / 1P
   Fast Acquisition Dual Sample and Hold Amplifier
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com