Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-2420RH Datasheet(PDF) 10 Page - Intersil Corporation

Part # HS-2420RH
Description  Radiation Hardened Fast Sample and Hold
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-2420RH Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HS-2420RH Datasheet HTML 5Page - Intersil Corporation HS-2420RH Datasheet HTML 6Page - Intersil Corporation HS-2420RH Datasheet HTML 7Page - Intersil Corporation HS-2420RH Datasheet HTML 8Page - Intersil Corporation HS-2420RH Datasheet HTML 9Page - Intersil Corporation HS-2420RH Datasheet HTML 10Page - Intersil Corporation HS-2420RH Datasheet HTML 11Page - Intersil Corporation HS-2420RH Datasheet HTML 12Page - Intersil Corporation HS-2420RH Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
HS-2420RH
Offset and Gain Adjustment
Offset Adjustment
The offset voltage of the HS-2420RH may be adjusted using
a 100k
Ω trim pot, as shown in Figure 15. The recommended
adjustment procedure is:
1. Apply zero volts to the sample-and-hold input, and a
square wave to the S/H control.
2. Adjust the trim pot for zero volts output in the hold mode.
Gain Adjustment
The linear variation in pedestal voltage with sample-and-hold
input voltage causes a -0.06% gain error (CH = 1000pF). In
some applications (D/A deglitcher, A/D converter) the gain
error can be adjusted elsewhere in the system, while in other
applications it must be adjusted at the sample-and-hold. The
two circuits shown below demonstrate how to adjust gain
error at the sample-and-hold.
The recommended procedure for adjusting gain error is:
1. Perform offset adjustment.
2. Apply the nominal input voltage that should produce a
+10V output.
3. Adjust the trim pot for +10V output in the hold mode.
4. Apply the nominal input voltage that should produce a -10V
output.
5. Measure the output hold voltage (V-10 NOMINAL). Adjust
the trim pot for an output hold voltage of
V-10 NOMINAL
()
10V
()
+
2
----------------------------------------------------------------------------
Spec Number
518855
FIGURE 14. HOLD STEP vs INPUT VOLTAGE
FIGURE 15. BASIC SAMPLE-AND-HOLD (TOP VIEW)
FIGURE 16. INVERTING CONFIGURATION
FIGURE 17. NONINVERTING CONFIGURATION
+10
+5
-5
-10
-15
-20
-25
-30
-35
-10
-5
+5
+10
DC INPUT VOLTAGE (V)
HOLD STEP VOLTAGE (V)
CH = 0.1
µF
CH = 10,000pF
CH = 1000pF
CH = 100pF
+IN
V-
100k
OFFSET TRIM
(
±25mV RANGE)
OUT
-IN
V+
CH
S/H
CONTROL
-
+-
+
HS-2420RH
-IN
+IN
OUT
S/H
CONTROL
INPUT
RI
OUTPUT
0.002RF
RF
S/H CONTROL
INPUT
HS-2420RH
GAIN
~
-RF
RI
+IN
-IN
OUT
S/H
CONTROL
INPUT
RI
OUTPUT
0.002RI
RF
S/H CONTROL
INPUT
HS-2420RH
GAIN
~ I +
-RF
RI


Similar Part No. - HS-2420RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2420RH INTERSIL-HS-2420RH Datasheet
255Kb / 8P
   Radiation Hardened Fast Sample and Hold
HS-2420RH INTERSIL-HS-2420RH_03 Datasheet
255Kb / 8P
   Radiation Hardened Fast Sample and Hold
More results

Similar Description - HS-2420RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2420RH INTERSIL-HS-2420RH_03 Datasheet
255Kb / 8P
   Radiation Hardened Fast Sample and Hold
logo
Maxim Integrated Produc...
DS1843 MAXIM-DS1843 Datasheet
479Kb / 8P
   Fast Sample-and-Hold Circuit
Rev 0; 5/09
DS1843 MAXIM-DS1843_12 Datasheet
483Kb / 8P
   Fast Sample-and-Hold Circuit
Rev 1; 2/12
logo
Intersil Corporation
HI-5046A INTERSIL-HI-5046A Datasheet
892Kb / 12P
   Sample and Hold
HA5352 INTERSIL-HA5352 Datasheet
133Kb / 5P
   Fast Acquisition Dual Sample and Hold Amplifier
logo
Curtis Electromusic.
CEM5510 CES-CEM5510 Datasheet
70Kb / 2P
   FAST OCTAL SAMPLE & HOLD
logo
Intersil Corporation
HA5352883 INTERSIL-HA5352883 Datasheet
27Kb / 1P
   Fast Acquisition Dual Sample and Hold Amplifier
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com