Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-2400RH Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HS-2400RH
Description  Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-2400RH Datasheet(HTML) 5 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Die Characteristics
DIE DIMENSIONS:
88 mils x 67 mils x 19 mils
±1 mils
2240
µm x 1710µm x 483µm ±25.4µm
INTERFACE MATERIALS:
Top Metallization:
Type: Al, 1% Cu
Thickness: 16k
Å
±2kÅ
Glassivation:
Type: Nitride (Si3N4) over Silox (SiO2, 5% Phos.).
Silox Thickness: 12k
Å
±2kÅ
Nitride Thickness: 3.5k
Å
±1.5kÅ
Substrate: Potential (Powered Up)
Unbiased
ADDITIONAL INFORMATION:
Worst Case Current Density:
< 2 x 105A/cm2
Transistor Count:
251
Process:
Bipolar Dielectric Isolation
Metallization Mask Layout
HS-2400RH
+IN3
D0
D1
ENABLE
GND
COMP
V+
OUT
V-
+IN2
-IN2
+IN1
-IN1
-IN4
+IN4
-IN3
HS-2400RH


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn