Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-2400RH Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HS-2400RH
Description  Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-2400RH Datasheet(HTML) 4 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Irradiation Circuit
NOTES:
12. V1 = +15V.
13. V2 = -15V.
14. R = 1 Meg
Ω.
15. C = 0.1
µF.
Schematic Diagram
NOTE:
16. Diagram Includes: One Input Stage, Decode Control, Bias Network, and Output Stage.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
GND
C
V1
R
GND
R
R
GND
C
V2
GND
OUT
R2
2.4K
R4
22.9K
Q1
Q3
Q4
Q6
Q7
Q8
R1
1.6K
R3
1.8K
Q2
Q5
R5
8.0K
R6
2.0K
R35
1.6K
R7
5.6K
Q10
Q11
Q13
Q12
Q15
Q14
R8
4K
Q16
R9
1.5K
R10
10K
R11
10K
VA
VC
Q17
VB
Q18
Q19
Q20
VD
R12
1.6K
Q28
VE
R13
0.8K
Q22
R15
10K
R16
10K
Q21
Q26
Q27
R14
10K
Q29
Q23
Q24
Q25
Q30
Q32
Q33
Q102
Q34
Q38
R18
2.0K
Q103
Q35
Q31
Q36
Q37
Q39
Q40
Q41
Q79
Q81
Q82
Q84
Q80
Q83
Q86
Q89
Q88
R35
0.75K
Q85
Q98
Q92
R30
1.2K
C1
9.0pF
V+
Q93
Q42
R19
1.6K
TO ADDITIONAL
INPUT STAGES
R29
0.4K
Q90
Q91
R33
4K
Q97
Q100
Q99
Q95
Q94
+VCC
-VEE
R31
36.5
R32
34
Q96
COMP
IN-
IN+
D1
D0
R17
1.6K
Q87
R34
1.6K
Q101
Q9
HS-2400RH


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn