Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-2100RH Datasheet(PDF) 2 Page - Intersil Corporation

Part No. HS-2100RH
Description  Radiation Hardened High Frequency Half Bridge Driver
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-2100RH Datasheet(HTML) 2 Page - Intersil Corporation

  HS-2100RH Datasheet HTML 1Page - Intersil Corporation HS-2100RH Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Die Characteristics
DIE DIMENSIONS:
4710
µm x 3570µm (186 mils x 141 mils)
Thickness: 483
µm ±25.4µm (19 mils ±1 mil)
INTERFACE MATERIALS:
Glassivation:
Type: PSG (Phosphorous Silicon Glass)
Thickness: 8.0k
Å
±1.0kÅ
Top Metallization:
Type: ALSiCu
Thickness: 16.0k
Å
±2kÅ
Substrate:
Radiation Hardened Silicon Gate,
Dielectric Isolation
Backside Finish:
Silicon
ASSEMBLY RELATED INFORMATION:
Substrate Potential:
Unbiased (DI)
ADDITIONAL INFORMATION:
Worst Case Current Density:
<2.0 x 105 A/cm2
Transistor Count:
125
Metallization Mask Layout
HS-2100RH
SD (13)
LIN (14)
VSS (15)
LO (1)
COM (2)
VCC (3)
HIN (12)
VDD (11)
HO (8)
VB (7)
VS (6)
HS-2100RH


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn