Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-2100RH Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HS-2100RH
Description  Radiation Hardened High Frequency Half Bridge Driver
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-2100RH Datasheet(HTML) 1 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
File Number
4562.3
HS-2100RH
Radiation Hardened High Frequency
Half Bridge Driver
The Radiation Hardened HS-2100RH is a high frequency,
100V Half Bridge N-Channel MOSFET Driver IC, which is a
functional, pin-to-pin replacement for the Intersil HIP2500
and the industry standard 2110 types. The low-side and
high-side gate drivers are independently controlled. This
gives the user maximum flexibility in dead-time selection and
driver protocol.
In addition, the device has on-chip error detection and
correction circuitry, which monitors the state of the high-side
latch and compares it to the HIN signal. If they disagree, a
set or reset pulse is generated to correct the high-side latch.
This feature protects the high-side latch from SEUs.
Undervoltage on the high-side supply forces HO low. When
that supply returns to a valid voltage, HO will go to the state
of HIN. Undervoltage on the low-side supply forces both LO
and HO low. When that supply becomes valid, LO returns to
the LIN state and HO returns to the HIN state.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for the HS-2100RH are
contained in SMD 5962-99536. A “hot-link” is provided
on our homepage for downloading.
www.intersil.com/spacedefense/space.asp
This link will not be available until the SMD is finalized.
Features
• Electrically Screened to DESC SMD # 5962-99536
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
- Maximum Total Dose . . . . . . . . . . . . . . 3 x 105 RAD(SI)
- DI RSG Process Provides Latch-up Immunity
- Vertical Architecture Provides Low Dose Rate Immunity
• Bootstrap Supply Max Voltage to 120V
• Drives 1000pF Load at 1MHz with Rise and Fall Times of
45ns (Typ)
• 1A (Typ) Peak Output Current
• Independent Inputs for Non-Half Bridge Topologies
• Low DC Power Consumption . . . . . . . . . . . . . 60mW (Typ)
• Operates with VDD = VCC Over 12V to 20V Range
• Supply Undervoltage Protection
Applications
• High Frequency Switch-Mode Power Supplies
• Drivers for Inductive Loads
• DC Motor Drivers
Pinout
HS-2100RH
FLATPACK (CDFP4-F16)
TOP VIEW
Ordering Information
ORDERING NUMBER
INTERSIL MKT.
NUMBER
TEMP.
RANGE (oC)
5962F9953601VXC
HS9-2100RH-Q
-55 to 125
5962F9953601QXC
HS9-2100RH-8
-55 to 125
HS9-2100RH/Proto
HS9-2100RH/Proto
-55 to 125
LO
COM
VCC
NC
NC
VS
VB
HO
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
NC
VSS
LIN
SD
HIN
VDD
NC
NC
Data Sheet
June 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn