Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLR0524P Datasheet(PDF) 5 Page - Protek Devices

Part # PLR0524P
Description  ULTRA LOW CAPACITANCE STEERING DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLR0524P Datasheet(HTML) 5 Page - Protek Devices

  PLR0524P_15 Datasheet HTML 1Page - Protek Devices PLR0524P_15 Datasheet HTML 2Page - Protek Devices PLR0524P_15 Datasheet HTML 3Page - Protek Devices PLR0524P_15 Datasheet HTML 4Page - Protek Devices PLR0524P_15 Datasheet HTML 5Page - Protek Devices PLR0524P_15 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05381.R6 3/15
Page 5
PLR0524P
TAPE AND REEL
ORDERING INFORMATION
BASE PART NUMBER
LEADFREE SUFFIX
TAPE SUFFIX
QTY/REEL
REEL SIZE
TUBE QTY
PLR0524P
n/a
-T7
3,000
7”
n/a
This device is only available in a Lead-Free configuration.
SPECIFICATIONS
REEL DIA.
TAPE
WIDTH
A0
B0
K0
D
E
F
W
P0
P2
P
tmax
178mm (7”)
8mm
1.20 ± 0.10 2.70 ± 0.10 0.70 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 4.00 ± 0.10
0.25
NOTES
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 3,000 pieces per 8mm tape.
4. Marking on Part - marking code (see page 2) and pin 1 dot.
Package outline, pad layout and tape specifications per document number 06083.R0.
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
t
User Direction of Feed
Top Cover
Tape
Pin 1


Similar Part No. - PLR0524P_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR0524P PROTEC-PLR0524P_12 Datasheet
782Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results

Similar Description - PLR0524P_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR3304 PROTEC-PLR3304_15 Datasheet
507Kb / 7P
   ULTRA LOW CAPACITANCE STEERING DIODE
PAM13ST2305 PROTEC-PAM13ST2305_15 Datasheet
678Kb / 8P
   ULTRA LOW CAPACITANCE STEERING DIODE
PLC497 PROTEC-PLC497_15 Datasheet
581Kb / 9P
   ULTRA LOW CAPACITANCE STEERING DIODE
PLR0504F PROTEC-PLR0504F_15 Datasheet
526Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE
PLR0506 PROTEC-PLR0506_15 Datasheet
475Kb / 5P
   ULTRA LOW CAPACITANCE STEERING DIODE
PLR0524 PROTEC-PLR0524_15 Datasheet
805Kb / 9P
   ULTRA LOW CAPACITANCE STEERING DIODE
DSL03-24 PROTEC-DSL03-24 Datasheet
596Kb / 8P
   ULTRA LOW CAPACITANCE STEERING DIODE
DALC112S1 PROTEC-DALC112S1_12 Datasheet
513Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
USB002 PROTEC-USB002_11 Datasheet
474Kb / 6P
   ultra low capacitance steering diode array
SR70 PROTEC-SR70_10 Datasheet
407Kb / 5P
   ultra low capacitance steering diode array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com