Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLML0100 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # IRLML0100
Description  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

IRLML0100 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  IRLML0100 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd IRLML0100 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd IRLML0100 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd IRLML0100 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd IRLML0100 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
N-Channel MOSFET
IRLML0100 (KRLML0100)
Typical Characterisitics
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
1.5
2.0
2.5
3.0
3.5
VGS, Gate-to-Source Voltage (V)
0.01
0.1
1
10
TJ = 25°C
TJ = 150°C
VDS = 50V
60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
ID = 1.6A
VGS = 10V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
VGS
TOP
10.0V
4.50V
3.50V
3.30V
3.25V
2.50V
2.35V
BOTTOM
2.25V
60µs PULSE WIDTH
Tj = 25°C
2.25V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
60µs PULSE WIDTH
Tj = 150°C
2.25V
VGS
TOP
10.0V
4.50V
3.50V
3.30V
3.25V
2.50V
2.35V
BOTTOM
2.25V
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
1
2
3
4
5
6
7
QG Total Gate Charge (nC)
0
4
8
12
16
VDS= 80V
VDS= 50V
VDS= 20V
ID= 1.6A


Similar Part No. - IRLML0100

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRLML0100 UMW-IRLML0100 Datasheet
372Kb / 8P
   N-Channel MOSFET
logo
Guangdong Kexin Industr...
IRLML0100-23 KEXIN-IRLML0100-23 Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
International Rectifier
IRLML0100PBF IRF-IRLML0100PBF Datasheet
184Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML0100PBF-1 IRF-IRLML0100PBF-1 Datasheet
209Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML0100PBF-1 IRF-IRLML0100PBF-1_15 Datasheet
209Kb / 9P
   Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRLML0100

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com