Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF830S Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # IRF830S
Description  N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

IRF830S Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  IRF830S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd IRF830S Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd IRF830S Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd IRF830S Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd IRF830S Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd IRF830S Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
Typical Characterisitics
N-Channel MOSFET
IRF830S (KRF830S)
Fig. 1 - Typical Output Characteristics, T C = 25 °C
Fig. 2 - Typical Output Characteristics, T C = 150 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-R esistance vs. Temperature
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 25 °C
4.5 V
VDS, Drain-to-Source Voltage (V)
10 0
10 1
10 1
10 0
10 -1
10 1
10 0
10 -1
10 0
10 1
VDS, Drain-to-Source Voltage (V)
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 150 °C
91064_02
4.5 V
20 µs Pulse Width
V
DS
= 50 V
10 1
10 0
10 -1
VGS, Gate-to-Source Voltage (V)
5
6
7
8
9
10
4
25
°
C
150
°
C
I
D = 3.1 A
V
GS = 10 V
3.0
0.0
0.5
1.0
1.5
2.0
2.5
TJ, Junction Temperature (°C)
- 60 - 40 - 20 0
20 40 60 80 100 120 140 160
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
1500
1250
1000
750
0
250
500
10 0
10 1
VDS, Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd , Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
10 1
10 0
VSD, Source-to-Drain Voltage (V)
0.4
1.2
1.0
0.8
0.6
25
°
C
150
°
C
V
GS = 0 V


Similar Part No. - IRF830S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF830S IRF-IRF830S Datasheet
175Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
logo
Vishay Siliconix
IRF830S VISHAY-IRF830S Datasheet
179Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
Kersemi Electronic Co.,...
IRF830S KERSEMI-IRF830S Datasheet
800Kb / 8P
   Available in Tape and Reel
logo
Vishay Siliconix
IRF830S VISHAY-IRF830S Datasheet
238Kb / 10P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRF830SPBF IRF-IRF830SPBF Datasheet
329Kb / 9P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRF830S

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com