Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS1-0547RH-Q Datasheet(PDF) 6 Page - Intersil Corporation

Part # HS1-0547RH-Q
Description  Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-0547RH-Q Datasheet(HTML) 6 Page - Intersil Corporation

  HS1-0547RH-Q Datasheet HTML 1Page - Intersil Corporation HS1-0547RH-Q Datasheet HTML 2Page - Intersil Corporation HS1-0547RH-Q Datasheet HTML 3Page - Intersil Corporation HS1-0547RH-Q Datasheet HTML 4Page - Intersil Corporation HS1-0547RH-Q Datasheet HTML 5Page - Intersil Corporation HS1-0547RH-Q Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
83.9 mils x 159 mils x 19 mils
INTERFACE MATERIALS:
Glassivation:
Type: Nitride
Thickness: 7k
Å
±0.7kÅ
Top Metallization:
Type: Al
Thickness: 16k
Å
±2kÅ
Substrate:
CMOS, DI
ASSEMBLY RELATED INFORMATION:
Substrate Potential:
Unbiased (DI)
ADDITIONAL INFORMATION:
Worst Case Current Density:
1.4 x 105 A/cm2
Transistor Count:
HS-0546 - 485
HS-0547 - 485
Metallization Mask Layout
HS-0546RH
HS-0547RH
EN
A1
A0
A3
A2
VREF
GND
IN 9
IN 10
IN 11
IN 12
IN 13
IN 14
IN 15
IN 16
IN 1
IN 2
IN 3
IN 4
IN 5
IN 6
IN 7
IN 8
-V
OUT
+V
NC
EN
A1
A0
NC
A2
VREF
GND
IN 1B
IN 2B
IN 3B
IN 4B
IN 5B
IN 6B
IN 7B
IN 8B
IN 1A
IN 2A
IN 3A
IN 4A
IN 5A
IN 6A
IN 7A
IN 8A
-V
OUT A
+V
OUT B
HS-0546RH, HS-0547RH


Similar Part No. - HS1-0547RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-0548RH-Q INTERSIL-HS1-0548RH-Q Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS1-0549RH-Q INTERSIL-HS1-0549RH-Q Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
More results

Similar Description - HS1-0547RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0546RH INTERSIL-HS-0546RH_06 Datasheet
443Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0548RH INTERSIL-HS-0548RH_01 Datasheet
278Kb / 6P
   Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0548RH INTERSIL-HS-0548RH Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
logo
Renesas Technology Corp
HI-548 RENESAS-HI-548 Datasheet
794Kb / 15P
   Single 8/Differential 4-Channel CMOS Analog Multiplexers with Active Overvoltage Protection
April 9, 2012
logo
Intersil Corporation
HS-0508RH INTERSIL-HS-0508RH Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers
logo
Harris Corporation
HI-506L HARRIS-HI-506L Datasheet
448Kb / 9P
   Single 16/Differential 8 Channel CMOS Analog Multiplexers With Latches And Overvoltage Protection
HI3-506L HARRIS-HI3-506L Datasheet
458Kb / 9P
   Single 16/Differential 8 Channel CMOS Analog Multiplexers With Latches And Overvoltage Protection
logo
Intersil Corporation
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com