Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDV301N Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FDV301N
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDV301N Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  FDV301N Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDV301N Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDV301N Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDV301N Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
0
0.1
0.2
0.3
0.4
0.5
0.6
0
1
2
3
4
5
Q , GATE CHARGE (nC)
g
I = 0.2A
D
15V
V
= 5V
DS
10V
0.5
1
2
5
10
15
25
35
0.01
0.02
0.05
0.1
0.2
0.5
1
V
, DRAI N -SOURCE VOLTAGE (V)
DS
DC
1s
100m
s
10s
1ms
RD
S(O
N)
LIM
IT
V
= 2.7V
SINGLE PULSE
R
= 357 °C/W
T = 25°C
GS
A
θJA
0.001
0.01
0.1
1
10
100 300
0
1
2
3
4
5
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=357° C/W
T = 25°C
θJA
A
Figure 10 . Single Pulse Maximum Power
Dissipation.
Figure 11 . Transient Thermal Response Curve .
0.1
0.5
1
2
5
10
25
1
2
3
5
10
20
30
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
C iss
f = 1 MHz
V
= 0V
GS
C oss
C rss
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIM E (sec)
Duty Cycle, D = t /t
1
2
R
(t) = r(t) * R
R
= 357 °C/W
θJA
θJA
θJA
T - T
= P * R
(t)
θ
JA
A
J
P(pk)
t1
t 2
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
N-Channel MOSFET
FDV301N
Typical Characterisitics


Similar Part No. - FDV301N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDV301N FAIRCHILD-FDV301N Datasheet
97Kb / 5P
   Digital FET , N-Channel
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
logo
VBsemi Electronics Co.,...
FDV301N-NL VBSEMI-FDV301N-NL Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
More results

Similar Description - FDV301N

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com