Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM-151-AMC-151 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AM-151-AMC-151
Description  Cascadable Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-151-AMC-151 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-151-AMC-151_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-151-AMC-151_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Cascadable Amplifier
10 to 500MHz
Rev. V5
AM-151/AMC-151
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Outline Drawing: TO-8-1
*
Dimensions in ( ) are in mm.
Unless otherwise noted: .XXX = + .010” (.XX = + 0.25)
.XX = + 0.02 (.X = + 0.5)
Typical Performance Curves at +25°C
Outline Drawing: SMA Connectorized
*
Gain
WEIGHT (APPROX) 0.10 OUNCES
2.8 GRAMS
WEIGHT (APPROX) 1.62 OUNCES
46 GRAMS
DC IN
RF IN
RF OUT
GND
.150
(3.8)
TYP.
.300
(7.6)
TYP.
MIN
MAX
.220
(5.6)
.220
(5.6)
.450
(11.4)
4X Ø .018+/-.005
(0.46+/-0.13)
Ø .50
(12.7+0.5)
1.344
(34.14)
.562
(14.28)
DC IN
2X CONNECTOR
.
750+/-.020
(19.05)+/-0.5
.375+/-.020
(9.53+/-0.51)
112-40 UNC-2B
20
.46
.12
2X
1.344
(34.14)
0.72
(17.07)
.672
(17.1)
1.000
(25.4)
Ø
.457
(11.61)


Similar Part No. - AM-151-AMC-151_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM-151-AMC-151 MA-COM-AM-151-AMC-151 Datasheet
83Kb / 2P
   Cascadable Amplifier
More results

Similar Description - AM-151-AMC-151_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
EA53-2 MA-COM-EA53-2 Datasheet
129Kb / 2P
   Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
   Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
   Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
   Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
   Cascadable Amplifier
A74-SMA74 MA-COM-A74-SMA74 Datasheet
1Mb / 2P
   Cascadable Amplifier
A77-1-SMA77-1 MA-COM-A77-1-SMA77-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com