Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1254RH Datasheet(PDF) 2 Page - Intersil Corporation

Part No. HS-1254RH
Description  Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-1254RH Datasheet(HTML) 2 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Die Characteristics
DIE DIMENSIONS
Size: 1750
µm x 2330µm (69 mils x 92 mils)
Thickness: 483
µm (19 mils)
GLASSIVATION
Type: Nitride
Thickness: 4k
Å
± 0.5kÅ
METALLIZATION
Metal 1
Type: AlCu(2%)/TiW
Thickness: 8k
Å
± 0.4kÅ
Metal 2
Type: AlCu(2%)
Thickness: 16k
Å
± 0.8kÅ
SUBSTRATE
DI, Bonded Wafer
BACKSIDE FINISH
Silicon
SUBSTRATE POTENTIAL
Floating (Recommend connection to V-)
TRANSISTOR COUNT:
180
Metallization Mask Layout
HS-1254RH
NOTE:
1. This is an optional GND pad. Users may set a GND reference, via this pad, to ensure the TTL compatibility of the DISABLE inputs when
using asymmetrical supplies (e.g., V+ = 10V, V- = 0V).
-IN1
OUT1
-IN2
GND (SEE NOTE 1)
V-
OUT2
V+
NC
NC
+IN1
+IN2
DISABLE1
DISABLE2
V-
HS-1254RH


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn