Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1254RH Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HS-1254RH
Description  Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-1254RH Datasheet(HTML) 1 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
PRELIMINARY
April 1998
HS-1254RH
Radiation Hardened, High Speed, Low Power
Dual Operational Amplifier with Disable
Features
• QML Qualified Per MIL-PRF-38535 Requirements
• Radiation Environment
- Total Dose . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEL Immune . . . . . . . . . . . Bonded Wafer DI Process
• Low Quiescent Current (per amp) . . . . . . 6.1mA (Max)
• Disabled Supply Current (per amp) . . . . . 4.0mA (Max)
• Low Offset Voltage. . . . . . . . . . . . . . . . . . . 5.0mV (Max)
• Output Enable/Disable Time . . . . . . . 160ns/20ns (Typ)
• High Slew Rate . . . . . . . . . . . . . . . . . . . 1050V/
µs (Typ)
• Wide -3dB Bandwidth (AV = +2) . . . . . . . 530MHz (Typ)
Applications
• High Speed A/D Drivers
• Cable Drivers
• Wideband Signal Switching and Routing
• Redundant Circuit Multiplexing
• Pulse Amplifiers
Description
The HS-1254RH is a
±5V, Rad Hard, monolithic, dual,
current feedback amplifier that provides highly reliable
performance in harsh radiation environments. Dielectric
isolation and bonded wafer processing make this device
immune to latch-up (SEL).
Excellent dynamic characteristics, coupled with the disable
function, make this amplifier well-suited for a variety of satel-
lite system applications. The outputs have individual disable
control pins that make it easy to multiplex wideband signals,
putting the outputs in a high impedance mode and reducing
the supply current per op amp down to 3mA (typical).
Post radiation limits are fully specified and guaranteed to
300kRAD(Si) total dose to ensure predictable performance
in any space application.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC).
SMD numbers must be used when ordering.
Detailed Electrical Specifications for the HS-1254RH are
contained in SMD 5962-98581, which is easily down-
loadable from our website, via a DSCC “hot-link”.
http://www.semi.intersil.com/data/sm/index.htm
Pinout
HS-1254RH (FLATPACK)
TOP VIEW
Ordering Information
SMD PART NUMBER
INTERSIL PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CASE OUTLINE
5962R9858101VXC
HS9-1254RH-Q
-55 to 125
14 Ld Flatpack
CDFP3-F14
N/A
HS9-1254RH/Sample
25
14 Ld Flatpack
CDFP3-F14
V-
-IN1
+IN1
DISABLE 1
DISABLE 2
+IN2
-IN2
V+
OUT2
OUT1
NC
NC
GND
NC
14
13
12
11
10
9
8
2
3
4
5
6
7
1
File Number
4507
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn