Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1245RH Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HS-1245RH
Description  Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-1245RH Datasheet(HTML) 3 Page - Intersil Corporation

  HS-1245RH Datasheet HTML 1Page - Intersil Corporation HS-1245RH Datasheet HTML 2Page - Intersil Corporation HS-1245RH Datasheet HTML 3Page - Intersil Corporation HS-1245RH Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Burn-In Circuit
HS-1245RH CERDIP
NOTES:
1. R1
= 1k
Ω, ±5%, 1/4W min (Per Socket)
2. R2
= 10k
Ω, ±5%, 1/4W min (Per Socket)
3. C1
= 0.01
µF (Per Socket) or 0.1µF (Per Row) Minimum
4. D1, D2
= 1N4002 or Equivalent (Per Board)
5. D3, D4
= 1N4002 or Equivalent (Per Socket)
6. (-V) + (+V) = 11V
±1.0V
7. 10mA < (ICC, IEE) < 16mA
8. -750mV < VOUT < +750mV
Irradiation Circuit
HS-1245RH CERDIP
NOTES:
9. R1 = 1k
Ω, ±5%
10. R2 = 10k
Ω, ±5%
11. C1 = 0.01
µF
12. V+ = +5.0V
±0.5V
13. V- = -5.0V
±0.5V
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+
-
+
-
V+
C1
D1
D3
D2
C2
V-
D4
R1
R1
R1
R1
R2
R2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+
-
+
-
V+
C1
V-
R1
R1
R1
R1
R2
R2
C1
HS-1245RH


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn