Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1245RH Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HS-1245RH
Description  Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-1245RH Datasheet(HTML) 1 Page - Intersil Corporation

  HS-1245RH Datasheet HTML 1Page - Intersil Corporation HS-1245RH Datasheet HTML 2Page - Intersil Corporation HS-1245RH Datasheet HTML 3Page - Intersil Corporation HS-1245RH Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
File Number
4229.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
HS-1245RH
Radiation Hardened, Dual, High Speed,
Low Power Video Operational Amplifier
with Output Disable
The HS-1245RH is a radiation hardened dual high speed,
low power current feedback amplifier built with Intersil’s
proprietary complementary bipolar UHF-1 (DI bonded wafer)
process. These devices are QML approved and are
processed and screened in full compliance with
MIL-PRF-38535.
This amplifier features individual TTL/CMOS compatible
disable controls, which when pulled low, reduce the supply
current and force the output into a high impedance state.
This allows easy implementation of simple, low power video
switching and routing systems. Component and composite
video systems also benefit from this op amp’s excellent gain
flatness, and good differential gain and phase specifications.
Multiplexed A/D applications will also find the HS-1245RH
useful as the A/D driver/multiplexer.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-96832. A “hot-link” is provided
on our homepage for downloading.
www.intersil.com/spacedefense/space.asp
Features
• Electrically Screened to SMD # 5962-96832
• QML Qualified per MIL-PRF-38535 Requirements
• MIL-PRF-38535 Class V Compliant
• Low Supply Current . . . . . . . . . . . . . . . . . . . . 5.9mA (Typ)
• Wide -3dB Bandwidth. . . . . . . . . . . . . . . . . .530MHz (Typ)
• High Slew Rate. . . . . . . . . . . . . . . . . . . . . .1050V/
µs (Typ)
• Excellent Gain Flatness (to 50MHz) . . . . . .
±0.11dB (Typ)
• Excellent Differential Gain . . . . . . . . . . . . . . . 0.02% (Typ)
• Excellent Differential Phase . . . . . . . . . 0.03 Degree (Typ)
• High Output Current . . . . . . . . . . . . . . . . . . . .60mA (Typ)
• Individual Output Enable/Disable
• Output Enable / Disable Time. . . . . . . . . 160ns/20ns (Typ)
• Total Gamma Dose. . . . . . . . . . . . . . . . . . . . 300kRAD(Si)
• Latch Up . . . . . . . . . . . . . . . . . . . . . None (DI Technology)
Applications
• Multiplexed Flash A/D Driver
• RGB Multiplexers and Preamps
• Video Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• Hand Held and Miniaturized RF Equipment
• Battery Powered Communications
Pinout
HS-1245RH (CERDIP) GDIP1-T14
OR
HS-1245RH (SBDIP) CDIP2-T14
TOP VIEW
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962F9683201VCA
HS1-1245RH-Q
-55 to 125
5962F9683201VCC
HS1B-1245RH-Q
-55 to 125
1
2
3
4
5
6
7
14
13
12
11
10
9
8
-IN1
+IN1
DISABLE 1
DISABLE 2
+IN2
-IN2
OUT2
NC
NC
NC
OUT1
GND
V+
+
-
+
-
V-
Data Sheet
August 1999


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn