Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1245RH Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HS-1245RH
Description  Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-1245RH Datasheet(HTML) 4 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
69 mils x 92 mils x 19 mils
±1 mil
1750 x 2330 x 355
µm ±25.4µm
INTERFACE MATERIALS:
Glassivation:
Type: Nitride
Thickness: 4k
Å
±0.5kÅ
Top Metallization:
Type: Metal 1: AICu(2%)/TiW
Type: Metal 2: AICu(2%)
Thickness: Metal 1: 8k
Å
±0.4kÅ
Thickness: Metal 2: 16k
Å
±0.8kÅ
Substrate:
UHF-1X, Bonded Wafer, DI
Backside Finish:
Silicon
ASSEMBLY RELATED INFORMATION:
Substrate Potential (Powered Up):
Floating
ADDITIONAL INFORMATION:
Worst Case Current Density:
< 2 x 105 A/cm2
Transistor Count:
150
Metallization Mask Layout
HS-1245RH
NOTE: This is an optional GND pad. Users may set a GND reference, via this pad, to ensure the TTL compatibility of the DISABLE inputs when
using asymmetrical supplies (e.g., V+ = 10V, V- = 0V). See the “Application Information” section for details.
V-
OUT2
+IN1
-IN1
V+
VL
+IN2
OUT1
-IN2
NC
NC
GND (NOTE)
DISABLE1
DISABLE2
V-
V-
HS-1245RH


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn