Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1145RH Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HS-1145RH
Description  Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-1145RH Datasheet(HTML) 1 Page - Intersil Corporation

  HS-1145RH Datasheet HTML 1Page - Intersil Corporation HS-1145RH Datasheet HTML 2Page - Intersil Corporation HS-1145RH Datasheet HTML 3Page - Intersil Corporation HS-1145RH Datasheet HTML 4Page - Intersil Corporation HS-1145RH Datasheet HTML 5Page - Intersil Corporation HS-1145RH Datasheet HTML 6Page - Intersil Corporation HS-1145RH Datasheet HTML 7Page - Intersil Corporation HS-1145RH Datasheet HTML 8Page - Intersil Corporation HS-1145RH Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
File Number
4227.1
HS-1145RH
Radiation Hardened, High Speed, Low
Power, Current Feedback Video
Operational Amplifier with Output Disable
The HS-1145RH is a high speed, low power current
feedback amplifier built with Intersil’s proprietary
complementary bipolar UHF-1 (DI bonded wafer) process.
These devices are QML approved and are processed and
screened in full compliance with MIL-PRF-38535.
This amplifier features a TTL/CMOS compatible disable
control, pin 8, which when pulled low, reduces the supply
current and forces the output into a high impedance state.
This allows easy implementation of simple, low power video
switching and routing systems. Component and composite
video systems also benefit from this op amp’s excellent gain
flatness, and good differential gain and phase specifications.
Multiplexed A/D applications will also find the HS-1145RH
useful as the A/D driver/multiplexer.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-96830. A “hot-link” is provided
on our homepage for downloading.
http://www.intersil.com/spacedefense/space.htm
Features
• Electrically Screened to SMD # 5962-96830
• QML Qualified per MIL-PRF-38535 Requirements
• Low Supply Current . . . . . . . . . . . . . . . . . . . . 5.9mA (Typ)
• Wide -3dB Bandwidth. . . . . . . . . . . . . . . . . .360MHz (Typ)
• High Slew Rate. . . . . . . . . . . . . . . . . . . . . .1000V/
µs (Typ)
• Excellent Gain Flatness (to 50MHz) . . . . . .
±0.07dB (Typ)
• Excellent Differential Gain . . . . . . . . . . . . . . . 0.02% (Typ)
• Excellent Differential Phase . . . . . . . . 0.03 Degrees (Typ)
• High Output Current . . . . . . . . . . . . . . . . . . . .60mA (Typ)
• Output Enable/Disable Time . . . . . . . . . 180ns/35ns (Typ)
• Total Gamma Dose. . . . . . . . . . . . . . . . . . . . 300kRAD(Si)
• Latch Up . . . . . . . . . . . . . . . . . . . . . None (DI Technology)
Applications
• Multiplexed Flash A/D Driver
• RGB Multiplexers/Preamps
• Video Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• RF/IF Signal Processing
• Imaging Systems
Pinout
HS-1145RH
GDIP1-T8 (CERDIP)
OR CDIP2-T8 (SBDIP)
TOP VIEW
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962F9683001VPA
HS7-1145RH-Q
-55 to 125
5962F9683001VPC
HS7B-1145RH-Q
-55 to 125
NC
-IN
+IN
V-
1
2
3
4
8
7
6
5
DISABLE
V+
OUT
NC
+
-
Data Sheet
August 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn