Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1145RH Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HS-1145RH
Description  Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-1145RH Datasheet(HTML) 6 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FIGURE 15. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES
FIGURE 16. FULL POWER BANDWIDTH
FIGURE 17. FREQUENCY RESPONSE FOR VARIOUS LOAD
RESISTORS
FIGURE 18. -3dB BANDWIDTH vs TEMPERATURE
FIGURE 19. GAIN FLATNESS
FIGURE 20. OFF ISOLATION
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, TA = 25oC, RL = 100Ω, Unless Otherwise Specified (Continued)
AV = +2
3
0
-3
0.3
1
10
100
500
270
180
90
0
FREQUENCY (MHz)
VOUT = 1.5VP-P
VOUT = 200mVP-P
VOUT = 5VP-P
VOUT = 5VP-P
VOUT = 200mVP-P
VOUT = 1.5VP-P
VOUT = 4VP-P (+1)
VOUT = 5VP-P (-1, +2)
+RS = 510Ω (+1)
3
0
-3
1
10
100
200
FREQUENCY (MHz)
AV = -1
AV = +1
AV = +2
RL = 1kΩ
RL = 500Ω
RL = 50Ω
RL = 100Ω
RL = 50Ω
RL = 100Ω
RL = 1kΩ
RL = 500Ω
3
0
-3
0.3
1
10
100
500
270
180
90
0
FREQUENCY (MHz)
VOUT = 200mVP-P
AV = +2
-100
-50
0
50
100
150
0
100
200
300
400
500
TEMPERATURE (oC)
AV = +2
AV = +1
AV = +10
VOUT = 200mVP-P
RF = 180Ω (+10)
+RS = 510Ω (+1)
0.25
0.20
0.15
0.10
0.05
0
-0.05
-0.10
110
75
VOUT = 200mVP-P
+RS = 510Ω (+1)
FREQUENCY (MHz)
AV = +2
AV = +1
AV = +2
VIN = 1VP-P
-30
-40
-50
-60
-70
-80
-90
0.3
1
10
100
FREQUENCY (MHz)
HS-1145RH


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn