Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1145RH Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HS-1145RH
Description  Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-1145RH Datasheet(HTML) 5 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FIGURE 9. SMALL SIGNAL PULSE RESPONSE
FIGURE 10. LARGE SIGNAL POSITIVE PULSE RESPONSE
FIGURE 11. LARGE SIGNAL BIPOLAR PULSE RESPONSE
FIGURE 12. OUTPUT ENABLE AND DISABLE RESPONSE
FIGURE 13. FREQUENCY RESPONSE
FIGURE 14. FREQUENCY RESPONSE
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, TA = 25oC, RL = 100Ω, Unless Otherwise Specified (Continued)
200
150
100
50
0
-50
-100
-150
-200
5ns/DIV.
AV = +10
RF = 180Ω
5ns/DIV.
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
AV = +10
RF = 180Ω
5ns/DIV.
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
AV = +10
RF = 180Ω
50ns/DIV.
AV = +1, VIN = 1V
DISABLE
800mV/DIV.
(0.4V to 2.4V)
OUT
400mV/DIV.
0V
3
0
-3
0.3
1
10
100
500
270
180
90
0
AV = +1
FREQUENCY (MHz)
AV = -1
AV = -1
AV = +1
VOUT = 200mVP-P
+RS = 510Ω (+1)
+RS = 0Ω (-1)
3
0
-3
0.3
1
10
100
500
270
180
90
0
FREQUENCY (MHz)
AV = +2
AV = +10
AV = +2
AV = +5
AV = +10
AV = +5
VOUT = 200mVP-P
RF = 510Ω (+2)
RF = 200Ω (+5)
RF = 180Ω (+10)
HS-1145RH


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn