Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1145RH Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HS-1145RH
Description  Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-1145RH Datasheet(HTML) 4 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, TA = 25oC, RL = 100Ω, Unless Otherwise Specified
FIGURE 3. SMALL SIGNAL PULSE RESPONSE
FIGURE 4. LARGE SIGNAL POSITIVE PULSE RESPONSE
FIGURE 5. LARGE SIGNAL BIPOLAR PULSE RESPONSE
FIGURE 6. SMALL SIGNAL PULSE RESPONSE
FIGURE 7. LARGE SIGNAL POSITIVE PULSE RESPONSE
FIGURE 8. LARGE SIGNAL BIPOLAR PULSE RESPONSE
5ns/DIV.
200
150
100
50
0
-50
-100
-150
-200
AV = +1
+RS = 510Ω
5ns/DIV.
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
AV = +1
+RS = 510Ω
5ns/DIV.
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
AV = +1
+RS = 510Ω
200
150
100
50
0
-50
-100
-150
-200
5ns/DIV.
AV = +2
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
5ns/DIV.
AV = +2
AV = +2
5ns/DIV.
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
HS-1145RH


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn