Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1135RH Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HS-1135RH
Description  Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-1135RH Datasheet(HTML) 1 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
File Number
4099.2
HS-1135RH
Radiation Hardened, High Speed, Low
Power Current Feedback Amplifier with
Programmable Output Limiting
The HS-1135RH is a radiation hardened, high speed, low
power current feedback amplifier built with Intersil’s
proprietary complementary bipolar UHF-1 (DI bonded wafer)
process. They are QML approved and processed in full
compliance with MIL-PRF-38535. This amplifier features
user programmable output limiting, via the VH and VL pins.
The HS-1135RH is the ideal choice for high speed, low
power applications requiring output limiting (e.g., flash A/D
drivers), especially those requiring fast overdrive recovery
times. The limiting function allows the designer to set the
maximum and minimum output levels to protect downstream
stages from damage or input saturation. The sub-
nanosecond overdrive recovery time ensures a quick return
to linear operation following an overdrive condition.
Component and composite video systems also benefit from
this op amp’s performance, as indicated by the gain flatness,
and differential gain and phase specifications.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-96767. A “hot-link” is provided
on our homepage for downloading.
http://www.intersil.com/spacedefense/space.htm
Features
• Electrically Screened to SMD # 5962-96767
• QML Qualified per MIL-PRF-38535 Requirements
• User Programmable Output Voltage Limiting
• Fast Overdrive Recovery . . . . . . . . . . . . . . . . . <1ns (Typ)
• Low Supply Current . . . . . . . . . . . . . . . . . . . . 6.9mA (Typ)
• Wide -3dB Bandwidth. . . . . . . . . . . . . . . . . .360MHz (Typ)
• High Slew Rate. . . . . . . . . . . . . . . . . . . . . .1200V/
µs (Typ)
• High Input Impedance . . . . . . . . . . . . . . . . . . . 2M
Ω (Typ)
• Excellent Gain Flatness (to 50MHz) . . . . . .
±0.07dB (Typ)
• Total Gamma Dose. . . . . . . . . . . . . . . . . . . . 300kRAD(Si)
• Latch Up . . . . . . . . . . . . . . . . . . . . . None (DI Technology)
Applications
• Flash A/D Driver
• Video Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• RF/IF Signal Processing
• Imaging Systems
Pinout
HS-1135RH
GDIP1-T8 (CERDIP)
OR CDIP2-TI (SBDIP)
TOP VIEW
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962F9676701VPA
HS7-1135RH-Q
-55 to 125
5962F9676701VPC
HS7B-1135RH-Q
-55 to 125
HS7-1135RH/PROTO
HS7-1135RH/PROTO
-55 to 125
NC
-IN
+IN
V-
1
2
3
4
8
7
6
5
VH
V+
OUT
VL
+
-
Data Sheet
August 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn