Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1135RH Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HS-1135RH
Description  Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-1135RH Datasheet(HTML) 4 Page - Intersil Corporation

  HS-1135RH Datasheet HTML 1Page - Intersil Corporation HS-1135RH Datasheet HTML 2Page - Intersil Corporation HS-1135RH Datasheet HTML 3Page - Intersil Corporation HS-1135RH Datasheet HTML 4Page - Intersil Corporation HS-1135RH Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Burn-In Circuit
HS-1135RH CERDIP
NOTES:
1. R1 = 1kΩ, ±5% (Per Socket)
2. R2 = 10kΩ, ±5% (Per Socket)
3. C1 = 0.01µF (Per Socket) or 0.1µF (Per Row) Minimum
4. D1 = 1N4002 or Equivalent (Per Board)
5. D2 = 1N4002 or Equivalent (Per Socket)
6. V+ = +5.5V
±0.5V
7. V- = -5.5V
±0.5V
Irradiation Circuit
HS-1135RH CERDIP
NOTES:
8. R1 = 1kΩ, ±5%
9. R2 = 10kΩ, ±5%
10. C1 = C2 = 0.01µF
11. V+ = +5.0V
±0.5V
12. V- = -5.0V
±0.5V
1
2
3
4
8
7
6
5
V+
C1
D1
D1
C1
V-
D2
D2
R2
R1
R1
+
-
1
2
3
4
8
7
6
5
V+
C1
C2
V-
R2
R1
R1
-
+
HS-1135RH


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn