Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM04ST430502 Datasheet(PDF) 1 Page - Protek Devices

Part # PAM04ST430502
Description  SOT-543 PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM04ST430502 Datasheet(HTML) 1 Page - Protek Devices

  PAM04ST430502_15 Datasheet HTML 1Page - Protek Devices PAM04ST430502_15 Datasheet HTML 2Page - Protek Devices PAM04ST430502_15 Datasheet HTML 3Page - Protek Devices PAM04ST430502_15 Datasheet HTML 4Page - Protek Devices PAM04ST430502_15 Datasheet HTML 5Page - Protek Devices PAM04ST430502_15 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05348.R3 6/13
Page 1
PAM04ST430502
ulTRA low cAPAciTAnce STeeRing diode/TVS ARRAy
deScRiPTion
The PAM04ST430502 is an ultra low capacitance (0.6pF) steering diode and TVS array combo. This device provides
circuit protection for automotive applications. The PAM04ST430502 is ideally suited to protect USB data I/O ports
against the effects of ESD and EFT.
The PAM04ST430502 meets the requirements of IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT). At higher operating
frequencies or faster edge rates, insertion loss and signal integrity are a major concern. The PAM04ST430502 offers
a ultra low capacitance and low leakage current in a SOT-543 package.
FeATuReS
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Gnd) & Level 3(Line-Line)
• 200 Watts Peak Pulse Power per Line (tp = 8/20µs)
• ESD Protection > 25 kilovolts
• Low Clamping Voltage
• Unidirectional Configuration
• Protects 2 I/O Ports and Power Supply
• Ultra Low Capacitance: 0.6pF
• RoHS Compliant
• REACH Compliant
MechAnicAl chARAcTeRiSTicS
• Molded JEDEC SOT-543 Package
• Approximate Weight: 3 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPlicATionS
• Automotive Applications
Pin conFiguRATion
SoT-543 PAckAge
GND
I/O
REF
I/O
1
3
4
2


Similar Part No. - PAM04ST430502_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM04ST430502 PROTEC-PAM04ST430502 Datasheet
554Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results

Similar Description - PAM04ST430502_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMYTVS5-2 CENTRAL-CMYTVS5-2 Datasheet
1Mb / 2P
   5.0V, 2-Line, low capacitance, TVS/diode array in the SOT-543 package
logo
Fair-Rite Products Corp...
2743012201 FAIR-RITE-2743012201 Datasheet
590Kb / 5P
   543 BEAD ON LEAD
logo
KEC(Korea Electronics)
KDR393S KEC-KDR393S_06 Datasheet
16Kb / 1P
   SOT-23 PACKAGE
KDV153 KEC-KDV153_02 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
BAV99 KEC-BAV99 Datasheet
372Kb / 1P
   SOT-23 PACKAGE
BCW31 KEC-BCW31_98 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
KTC3770S_0309 KEC-KTC3770S_0309 Datasheet
376Kb / 1P
   SOT-23 PACKAGE
BCW29 KEC-BCW29_98 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
KDS135S KEC-KDS135S Datasheet
348Kb / 1P
   SOT-23 PACKAGE
MMBZ5240B KEC-MMBZ5240B Datasheet
17Kb / 1P
   SOT-23 PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com