Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1120RH Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HS-1120RH
Description  Radiation Hardened, Ultra High Speed Current Feedback Amplifier with Offset Adjust
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-1120RH Datasheet(HTML) 4 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Typical Performance Characteristics
Device Characterized at: VSUPPLY = ±5V, RF = 360Ω, AV = +2V/V, RL = 100Ω, Unless Otherwise Specified
PARAMETERS
CONDITIONS
TEMPERATURE
TYPICAL
UNITS
Input Offset Voltage (Note 1)
VCM = 0V
+25oC2
mV
Average Offset Voltage Drift
Versus Temperature
Full
10
µV/oC
VIO CMRR
∆VCM = ±2V
+25oC46
dB
VIO PSRR
∆VS = ±1.25V
+25oC50
dB
+Input Current (Note 1)
VCM = 0V
+25oC25
µA
Average +Input Current Drift
Versus Temperature
Full
40
nA/oC
-Input Current (Note 1)
VCM = 0V
+25oC12
µA
Average -Input Current Drift
Versus Temperature
Full
40
nA/oC
-Input Current Adjust Range
VCM = 0V
+25oC
±200
µA
+Input Resistance
∆VCM = ±2V
+25oC50
k
-Input Resistance
+25oC16
Input Capacitance
+25oC
2.2
pF
Input Noise Voltage (Note 1)
f = 100kHz
+25oC
4
nV/
√Hz
+Input Noise Current (Note 1)
f = 100kHz
+25oC
18
pA/
√Hz
-Input Noise Current (Note 1)
f = 100kHz
+25oC
21
pA/
√Hz
Input Common Mode Range
Full
±3.0
V
Open Loop Transimpedance
AV = -1
+25oC
500
k
Output Voltage
AV = -1, RL = 100Ω
+25oC
±3.3
V
AV = -1, RL = 100Ω
Full
±3.0
V
Output Current (Note 1)
AV = -1, RL = 50Ω
+25oC to +125oC
±65
mA
AV = -1, RL = 50Ω
-55oC to 0oC
±50
mA
DC Closed Loop Output Resistance
+25oC
0.1
Quiescent Supply Current (Note 1)
RL = Open
Full
24
mA
-3dB Bandwidth (Note 1)
AV = -1, RF = 430Ω, VOUT = 200mVP-P
+25oC
580
MHz
AV = +1, RF = 510Ω, VOUT = 200mVP-P
+25oC
850
MHz
AV = +2, RF = 360Ω, VOUT = 200mVP-P
+25oC
670
MHz
Slew Rate
AV = +1, RF = 510Ω, VOUT = 5VP-P
+25oC
1500
V/
µs
AV = +2, VOUT = 5VP-P
+25oC
2300
V/
µs
Full Power Bandwidth
VOUT = 5VP-P
+25oC
220
MHz
Gain Flatness (Note 1)
To 30MHz, RF = 510Ω
+25oC
±0.014
dB
To 50MHz, RF = 510Ω
+25oC
±0.05
dB
To 100MHz, RF = 510Ω
+25oC
±0.14
dB
Linear Phase Deviation (Note 1)
To 100MHz, RF = 510Ω
+25oC
±0.6
Degrees
2nd Harmonic Distortion (Note 1)
30MHz, VOUT = 2VP-P
+25oC
-55
dBc
50MHz, VOUT = 2VP-P
+25oC
-49
dBc
100MHz, VOUT = 2VP-P
+25oC
-44
dBc
3rd Harmonic Distortion (Note 1)
30MHz, VOUT = 2VP-P
+25oC
-84
dBc
50MHz, VOUT = 2VP-P
+25oC
-70
dBc
100MHz, VOUT = 2VP-P
+25oC
-57
dBc
3rd Order Intercept (Note 1)
100MHz, RF = 510Ω
+25oC
30
dBm
1dB Compression
100MHz, RF = 510Ω
+25oC
20
dBm
Reverse Isolation (S12)
40MHz, RF = 510Ω
+25oC
-70
dB
100MHz, RF = 510Ω
+25oC
-60
dB
600MHz, RF = 510Ω
+25oC
-32
dB
HS-1120RH


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn