Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1115RH Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HS-1115RH
Description  Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-1115RH Datasheet(HTML) 3 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Evaluation Board
The performance of the HS-1115RH may be evaluated using
the HFA11XX Evaluation Board, slightly modified as follows:
1. Remove the 500
Ω feedback resistor (R2), and leave the
connection open.
2. a. For AV = +1 evaluation, remove the 500Ω gain setting
resistor (R1), and leave pin 2 floating.
b. For AV = +2, replace the 500Ω gain setting resistor with
a 0
Ω resistor to GND.
The layout and modified schematic of the board are shown
in Figure 1.
To order evaluation boards, please contact your local sales
office.
FIGURE 1A. SCHEMATIC
FIGURE 1B. TOP LAYOUT
FIGURE 1C. BOTTOM LAYOUT
FIGURE 1. EVALUATION BOARD SCHEMATIC AND LAYOUT
1
2
3
4
8
7
6
5
+5V
10
µF
0.1
µF
VH
50
GND
GND
-5V
0.1
µF
10
µF
50
IN
OUT
VL
(A
V = +1)
or 0
Ω (A
V = +2)
R1
VH
+IN
VL
V+
GND
1
V-
OUT
Burn-In Circuit
HS-1115RH CERDIP
NOTES:
R1 = 100Ω, ±5% (Per Socket)
C1 = C2 = 0.01µF (Per Socket) or 0.1µF (Per Row) Minimum
D1 = D2 = 1N4002 or Equivalent (Per Board)
D3 = D4 = 1N4002 or Equivalent (Per Socket)
V+ = +5.5V
±0.5V
V- = -5.5V
±0.5V
Irradiation Circuit
HS-1115RH CERDIP
NOTES:
R1 = 100Ω, ±5%
C1 = 0.01µF
V+ = +5.0V
±0.5V
V- = -5.0V
±0.5V
1
2
3
4
8
7
6
5
V+
V-
R1
+
-
D4
D2
C2
C1
D3
D1
1
2
3
4
8
7
6
5
V+
C1
C1
V-
R1
-
+
HS-1115RH


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn