Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1115RH Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HS-1115RH
Description  Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-1115RH Datasheet(HTML) 1 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
HS-1115RH
Radiation Hardened, High Speed, Low Power
Output Limiting, Closed-Loop-Buffer Amplifier
Description
The HS-1115RH is a radiation hardened, high speed closed
loop buffer featuring both user programmable gain and out-
put limiting. They are QML approved and processed in full
compliance with MIL-PRF-38535. Manufactured in propri-
etary, complementary bipolar UHF-1 (DI bonded wafer) pro-
cess, the HS-1115RH also offers a wide -3dB bandwidth of
225MHz, very fast slew rate, excellent gain flatness and high
output current.
This buffer is the ideal choice for high frequency applications
requiring output limiting, especially those needing ultra fast
overload recovery times. The limiting function allows the
designer to set the maximum positive and negative output
levels, thereby protecting later stages from damage or input
saturation. The HS-1115RH also allows for voltage gains of
+2, +1, and -1, without the use of external resistors. Gain
selection is accomplished via connections to the inputs, as
described in the “Application Information” text. The result is a
more flexible product, fewer part types in inventory, and
more efficient use of board space.
Compatibility with existing op amp pinouts provides flexibility to
upgrade low gain amplifiers, while decreasing component
count. Unlike most buffers, the standard pinout provides an
upgrade path should a higher closed loop gain be needed at a
future date.
Detailed electrical specifications are contained in SMD
5962F9678501VPA, available on the Intersil Website or
AnswerFAX systems (document #967850)
A Cross Reference Table is available on the Intersil Website
for conversion of Intersil Part Numbers to SMDs. The address is
(www.intersil.com/datasheets/smd/smd_xref.html).
SMD
numbers must be used to order Radiation Hardened Prod-
ucts.
Features
• Electrically Screened to SMD 5962F9678501VPA
• MIL-PRF-38535 Class V Compliant
• User Programmable Output Voltage Limiting
• User Programmable For Closed-Loop Gains of +1, -1
or +2 Without Use of External Resistors
• Standard Operational Amplifier Pinout
• Fast Overdrive Recovery. . . . . . . . . . . . . . . . <1ns (Typ)
• Low Supply Current . . . . . . . . . . . . . . . . . . 6.9mA (Typ)
• Excellent Gain Accuracy . . . . . . . . . . . . . . 0.99V/V (Typ)
• Wide -3dB Bandwidth . . . . . . . . . . . . . . . 225MHz (Typ)
• Fast Slew Rate . . . . . . . . . . . . . . . . . . . . 1135V/
µs (Typ)
• High Input Impedance . . . . . . . . . . . . . . . . . . 1M
Ω (Typ)
• Excellent Gain Flatness (to 50MHz) . . . . .
±0.1dB (Typ)
• Total Gamma Dose. . . . . . . . . . . . . . . . . . 300K RAD (Si)
• Neutron Damage . . . . . . . TBD (When Tests Complete)
• Latch Up . . . . . . . . . . . . . . . . . . . None (DI Technology)
Applications
• Flash A/D Driver
• Video Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• RF/IF Signal Processing
• Imaging Systems
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
5962F9678501VPA
-55 to 125
8 Ld CERDIP
GDIP1-T8
HFA1115IP
(Sample)
-40 to 85
8 Ld PDIP
E8.3
HFA11XXEVAL
Evaluation Board
August 1996
Pinout
HS-1115RH
MIL-STD-1835, GDIP1-T8
(PDIP, CERDIP)
TOP VIEW
NC
-IN
+IN
V-
1
2
3
4
8
7
6
5
VH
V+
OUT
VL
350
350
+
-
File Number
4098.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn