Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1115RH Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HS-1115RH
Description  Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-1115RH Datasheet(HTML) 4 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
HS-1115RH
Die Characteristics
DIE DIMENSIONS:
59 mils x 58.2 mils x 19 mils
±1 mil
1500
µm x 1480µm x 483µm ±25.4µm
METALLIZATION:
Type: Metal 1: AICu(2%)/TiW
Thickness: Metal 1: 8k
Å
±0.4kÅ
Type: Metal 2: AICu(2%)
Thickness: Metal 2: 16k
Å
±0.8kÅ
GLASSIVATION:
Type: Nitride
Thickness: 4k
Å
±0.5kÅ
WORST CASE CURRENT DENSITY:
< 2 x 105 A/cm2
TRANSISTOR COUNT: 89
SUBSTRATE POTENTIAL (Powered Up): Floating
Metallization Mask Layout
HS-1115RH
V-
OUT
+IN
-IN
V+
VL
VH
V-
VL
HS-1115RH
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn