Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HS-1100RH Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HS-1100RH
Description  Radiation Hardened, Ultra High Speed Current Feedback Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-1100RH Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FIGURE 2A. TOP LAYOUT
FIGURE 2B. BOTTOM LAYOUT
FIGURE 2C. SCHEMATIC
FIGURE 2. EVALUATION BOARD SCHEMATIC AND LAYOUT
VH
+IN
VL
V+
GND
1
V-
OUT
1
2
3
4
8
7
6
5
+5V
10
µF
0.1
µF
VH
50
GND
GND
R1
-5V
0.1
µF
10
µF
50
IN
OUT
VL
500
500
Typical Performance Characteristics
Device Characterized at: VSUPPLY = ±5V, RF = 360Ω, AV = +2V/V, RL = 100Ω, Unless Otherwise Specified
PARAMETERS
CONDITIONS
TEMPERATURE
TYPICAL
UNITS
Input Offset Voltage (Note 1)
VCM = 0V
25oC2
mV
Average Offset Voltage Drift
Versus Temperature
Full
10
µV/oC
VIO CMRR
∆VCM = ±2V
25oC46
dB
VIO PSRR
∆VS = ±1.25V
25oC50
dB
+Input Current (Note 1)
VCM = 0V
25oC25
µA
Average +Input Current Drift
Versus Temperature
Full
40
nA/oC
- Input Current (Note 1)
VCM = 0V
25oC12
µA
Average -Input Current Drift
Versus Temperature
Full
40
nA/oC
+Input Resistance
∆VCM = ±2V
25oC50
k
- Input Resistance
25oC16
Input Capacitance
25oC
2.2
pF
Input Noise Voltage (Note 1)
f = 100kHz
25oC
4
nV/
√Hz
+Input Noise Current (Note 1)
f = 100kHz
25oC
18
pA/
√Hz
-Input Noise Current (Note 1)
f = 100kHz
25oC
21
pA/
√Hz
Input Common Mode Range
Full
±3.0
V
Open Loop Transimpedance
AV = -1
25oC
500
k
HS-1100RH


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn