Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1100RH Datasheet(PDF) 11 Page - Intersil Corporation

Part No. HS-1100RH
Description  Radiation Hardened, Ultra High Speed Current Feedback Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-1100RH Datasheet(HTML) 11 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
63 mils x 44 mils x 19 mils
±1 mil
(1600
µm x 1130µm x 483µm ±25.4µm)
INTERFACE MATERIALS:
Glassivation:
Type: Nitride
Thickness: 4k
Å
±0.5kÅ
Top Metallization:
Type: Metal 1: AICu(2%)/TiW
Thickness: Metal 1: 8k
Å
±0.4kÅ
Type: Metal 2: AICu (2%)
Thickness: Metal 2: 16k
Å
±0.8kÅ
Substrate:
UHF-1, Bonded Wafer, DI
ASSEMBLY RELATED INFORMATION:
Substrate Potential (Powered Up):
Floating
ADDITIONAL INFORMATION:
Worst Case Current Density:
1.6 x 105 A/cm2
Transistor Count:
52
Metallization Mask Layout
HS-1100RH
+IN
V-
VL
BAL
OUT
-IN
BAL
VH
V+
HS-1100RH


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn