Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HS-1100RH Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HS-1100RH
Description  Radiation Hardened, Ultra High Speed Current Feedback Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-1100RH Datasheet(HTML) 1 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
File Number
4100.2
HS-1100RH
Radiation Hardened, Ultra High Speed
Current Feedback Amplifier
The HS-1100RH is a radiation hardened high speed,
wideband, fast settling current feedback amplifier. Built with
Intersil’s proprietary, complementary bipolar UHF-1 (DI
bonded wafer) process, it is the fastest monolithic amplifier
available from any semiconductor manufacturer. These
devices are QML approved and are processed and screened
in full compliance with MIL-PRF-38535.
The HS-1100RH’s wide bandwidth, fast settling characteristic,
and low output impedance make this amplifier ideal for driving
fast A/D converters.
Component and composite video systems will also benefit
from this amplifier’s performance, as indicated by the
excellent gain flatness, and 0.03%/0.05 Deg. Differential
Gain/Phase specifications (RL = 75Ω).
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-94676. A “hot-link” is provided
on our homepage for downloading.
http://www.intersil.com/spacedefense/space.htm
Features
• Electrically Screened to SMD # 5962-94676
• QML Qualified per MIL-PRF-38535 Requirements
• Low Distortion (HD3, 30MHz). . . . . . . . . . . . -84dBc (Typ)
• Wide -3dB Bandwidth. . . . . . . . . . . . . . . . . 850MHz (Typ)
• Very High Slew Rate . . . . . . . . . . . . . . . . 2300V/
µs (Typ)
• Fast Settling (0.1%) . . . . . . . . . . . . . . . . . . . . . 11ns (Typ)
• Excellent Gain Flatness (to 50MHz) . . . . . . . 0.05dB (Typ)
• High Output Current . . . . . . . . . . . . . . . . . . . 65mA (Typ)
• Fast Overdrive Recovery . . . . . . . . . . . . . . . . <10ns (Typ)
• Total Gamma Dose. . . . . . . . . . . . . . . . . . . . 300kRAD(Si)
• Latch Up . . . . . . . . . . . . . . . . . . . . . None (DI Technology)
Applications
• Video Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• RF/IF Signal Processing
• Flash A/D Driver
• Imaging Systems
Pinout
HS-1100RH
GDIP1-T8 (CERDIP)
OR CDIP2-T8 (SBDIP)
TOP VIEW
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962F9467602VPA
HS7-1100RH-Q
-55 to 125
5962F9467602VPC
HS7B-1100RH-Q
-55 to 125
HFA1100IJ (Sample)
HFA1100IJ
-40 to 85
HFA11XXEVAL
Evaluation Board
NC
-IN
+IN
V-
1
2
3
4
8
7
6
5
NC
V+
OUT
NC
-
+
Data Sheet
August 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn