Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1100RH Datasheet(PDF) 8 Page - Intersil Corporation

Part No. HS-1100RH
Description  Radiation Hardened, Ultra High Speed Current Feedback Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-1100RH Datasheet(HTML) 8 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FIGURE 21. OVERSHOOT vs FEEDBACK RESISTOR (AV = +2,
tR = 200ps, VOUT = 2VP-P)
FIGURE 22. SUPPLY CURRENT vs TEMPERATURE
FIGURE 23. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 24. VIO AND BIAS CURRENTS vs TEMPERATURE
FIGURE 25. OUTPUT VOLTAGE vs TEMPERATURE (AV = -1,
RL = 50Ω)
FIGURE 26. INPUT NOISE vs FREQUENCY
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, RL = 100Ω, TA = 25oC, Unless Otherwise Specified (Continued)
FEEDBACK RESISTOR (
Ω)
36
34
32
30
360
520
28
26
24
22
400
440
480
560
600
640
680
20
18
16
14
12
10
8
6
4
TEMPERATURE (oC)
25
24
23
22
21
-60
20
20
19
18
-40
-20
0
40
60
80
100
120
TOTAL SUPPLY VOLTAGE (V+ - V-, V)
22
17
15
13
11
59
9
7
5
678
10
21
20
19
6
8
10
12
14
16
18
TEMPERATURE (oC)
45
42
39
36
33
-60
20
30
27
24
-40
-20
0
40
60
80
100 120
21
18
15
12
9
6
3
0
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2
1.9
1.8
1.7
1.6
1.5
1.4
1.3
+IBIAS
VIO
-IBIAS
TEMPERATURE (oC)
3.7
3.6
3.5
3.4
-60
20
3.3
3.2
3.1
3
-40
-20
0
40
60
80
100
2.9
2.8
2.7
2.6
2.5
120
| - VOUT |
+VOUT
300
275
250
225
200
175
150
125
100
75
50
25
0
30
25
20
15
10
5
0
100
1K
10K
100K
FREQUENCY (Hz)
eni
ini-
ini+
ENI
INI-
INI+
HS-1100RH


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn