Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-1100RH Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HS-1100RH
Description  Radiation Hardened, Ultra High Speed Current Feedback Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-1100RH Datasheet(HTML) 6 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FIGURE 9. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES (AV = +1)
FIGURE 10. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES (AV = +2)
FIGURE 11. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES (AV = +6)
FIGURE 12. -3dB BANDWIDTH vs TEMPERATURE (AV = +1)
FIGURE 13. GAIN FLATNESS (AV = +2)
FIGURE 14. DEVIATION FROM LINEAR PHASE (AV = +2)
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, RL = 100Ω, TA = 25oC, Unless Otherwise Specified (Continued)
FREQUENCY (MHz)
+20
+10
0
-10
-20
0.3
1
10
100
1K
-30
0.160VP-P
0.500VP-P
0.920VP-P
1.63VP-P
FREQUENCY (MHz)
+20
+10
0
-10
-20
0.3
1
10
100
1K
-30
0.32VP-P
1.00VP-P
1.84VP-P
3.26VP-P
FREQUENCY (MHz)
+20
+10
0
-10
-20
0.3
1
10
100
1K
-30
3.89VP-P
0.96VP-P
TO
TEMPERATURE (oC)
950
900
850
800
750
-50
-25
0
75
125
700
25
50
100
FREQUENCY (MHz)
0
-0.05
-0.10
1
10
100
-0.15
-0.20
+2.0
+1.5
+1.0
+0.5
0
-0.5
-1.0
-1.5
-2.0
0
15
30
45
60
75
90
105
120
135
150
FREQUENCY (MHz)
HS-1100RH


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn